Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT30KX Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SVT30KX
Description  SmartOnline SVTX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SVT30KX Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SVT30KX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Half Load Runtime (min.)
9.6 min. (13.5kW)
Expandable Battery Runtime
Supports extended runtime optional external battery packs
External Battery Pack Compatibility
&nbsp;<a class="productLink" href="//www.tripplite.com/External-Battery-Pack-3-Phase-SmartOnline-UPS-
Systems~BP240V135">BP240V135</a>&nbsp;
DC System Voltage (VDC)
240
Battery Recharge Rate (Included
Batteries)
4 hours to 90% (Internal batteries)
Expandable Runtime
Yes
VOLTAGE REGULATION
Voltage Regulation Description
Online, double-conversion power conditioning maintains output within 1% of the selected nominal voltage in online
mode
Overvoltage Correction
Corrects overvoltage conditions to 520V (50% load) and 478V (100% load)
Undervoltage Correction
Corrects brownout conditions to 110V (50% load) / 305V (100% load)
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
LCD DISPLAY: offers a variety of graphical, text and numeric information to indicate a wide range of UPS operation
and fault / warning conditions, including current operating mode, alarm status, load level, battery charge, input /
output voltage & frequency, estimated runtime and more (see user manual for a detailed listing)
Switches
ON / ENTER BUTTON: turns the UPS on and confirms a selection from the settings menu; OFF / ESC BUTTON:
turns off the UPS and returns to the previous item in the settings menu; TEST / UP BUTTON: initiates UPS self-test
operation and advances to the next item in the settings menu; MUTE / DOWN BUTTON: silences the audible alarm
and advances to the previous item in the settings menu; Press TEST/UP & MUTE/DOWN buttons simultaneously for
1 second to enter or exit the settings menu (See user manual for detailed information)
Audible Alarm
Alarms warn users of a variety of operational conditions: BYPASS MODE (beeps every 2 seconds), BATTERY
MODE (beeps every 4 seconds), FAULT MODE (beeps continuously), OVERLOAD (beeps twice per second),
OTHER WARNINGS (beeps once per second), FAULT (beeps continuously); All alarms can be silenced, except
OVERLOAD & OTHER WARNINGS conditions
LED Indicators
4 LEDs report BYPASS / LINE / BATTERY / FAULT modes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
39.3 x 32 x 11.81
UPS Power Module Dimensions
(hwd, cm)
99.82 x 81.28 x 30.00
UPS Power Module Weight (lbs.)
515
UPS Power Module Weight (kg)
233.60
Shipping Dimensions (hwd / in.)
48.82 x 16.93 x 36.22
Shipping Dimensions (hwd / cm)
124.00 x 43.00 x 92.00
Shipping Weight (lbs.)
562.18
Shipping Weight (kg)
255.00
4 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com