Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT30KX Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SVT30KX
Description  SmartOnline SVTX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SVT30KX Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SVT30KX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SVT30KX Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cooling Method
Fans
UPS Housing Material
Steel
UPS Power Module Dimensions
(Height x Width x Depth, mm)
1000 x 300 x 813
Primary UPS Height (mm)
998
Primary UPS Width (mm)
813
Primary UPS Depth (mm)
300
ENVIRONMENTAL
Operating Temperature Range
0 to +40C (32-104F)
Storage Temperature Range
0 to +35C (32 to 95F) with battery; -15 to 60C (5 to +140F) without battery
Relative Humidity
5 to 95%, non-condensing
Operating Elevation (ft.)
< 3000ft (Capacity de-rates by 1% for every 330ft over 3000)
Audible Noise
<65dBA front side 1M
Operating Elevation (m)
< 1000m (Capacity de-rates by 1% for every 100m over 1000)
COMMUNICATIONS
Communications Interface
DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Card accessory slot also supports network interface and relay card options
Communications Cable
DB9 cabling included
LINE / BATTERY TRANSFER
Transfer Time
Zero transfer time in ONLINE MODE (0ms); ECONOMY MODE: 7ms from AC to Battery mode / 0.6ms from Battery
to AC mode
Low Voltage Transfer to Battery
Power (Setpoint)
110V (50% load) / 305V (100% load)
High Voltage Transfer to Battery
Power (Setpoint)
520V (50% load) / 478V (100% load)
SPECIAL FEATURES
Grounding Lug
Yes
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Automatic inverter bypass; Manual bypass switch
Green Energy-Saving Features
High efficiency economy mode operation
CERTIFICATIONS
UPS Certifications
CE
UPS Certification Details
EN 62040-1-1 (Safety); EN 62040-2 (Category C3)
5 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com