Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88178L Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88178L
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178L Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88178L Datasheet HTML 17Page - ASIX Electronics Corporation AX88178L Datasheet HTML 18Page - ASIX Electronics Corporation AX88178L Datasheet HTML 19Page - ASIX Electronics Corporation AX88178L Datasheet HTML 20Page - ASIX Electronics Corporation AX88178L Datasheet HTML 21Page - ASIX Electronics Corporation AX88178L Datasheet HTML 22Page - ASIX Electronics Corporation AX88178L Datasheet HTML 23Page - ASIX Electronics Corporation AX88178L Datasheet HTML 24Page - ASIX Electronics Corporation AX88178L Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ASIX ELECTRONICS CORPORATION
21
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
6.2.1.18 Medium Status Register (1Ah, read only) and Medium Mode Register (1Bh, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PF
JFE
TFC
RFC
ENCK
AC
FD
GM
Reserved
SM
SBP
Reserved
PS
RE
AA [7:0] = {PF, JFE, TFC, RFC, EN125, AC, FD, GM}.
BB [7:0] = {Reserved, SM, SBP, JE, PS, RE}.
GM: Gigabit Mode.
1: GMII mode.
0: MII mode (default).
PS: Port Speed in MII mode
1: 100 Mbps (default).
0: 10 Mbps.
{GM, PS} RGMII/MII/GMII port speed selection
00: 10Mbps
01: 100Mbps
10: 1000Mbps
11: 1000Mbps
FD: Full Duplex mode
1: Full Duplex mode (default).
0: Half Duplex mode.
AC: Reserved bit. For normal operation, please always write 1 to this bit.
ENCK: Enable GTX_CLK and TXC clock outputs
1: Enable.
0: Disabled (default).
ENCK RGMII_EN GTX_CLK
TXC
0
0
OFF
OFF
0
1
OFF
OFF
1
0
ON
OFF
1
1
OFF
ON
RFC: RX Flow Control enable.
1: Enable receiving of pause frame on RX direction during full duplex mode (default).
0: Disabled.
TFC: TX Flow Control enable.
1: Enable transmitting pause frame on TX direction during full duplex mode (default).
0: Disabled.
JFE: Jumbo Frame Enable.
1: Enable the support of Jumbo frame in Gigabit mode (default).
0: Disabled.
PF: Check only “length/type” field for Pause Frame.
1: Enable, i.e., Pause frames are identified only based on L/T filed.
0: Disabled, i.e., Pause frames are identified based on both DA and L/T fields (default).
RE: Receive Enable.
1: Enable RX path of the ASIC.
0: Disabled (default).
SBP: Stop BackPressure.
1: When TFC bit = 1, setting this bit enables backpressure on TX direction “continuously” during RX buffer full
condition in half duplex mode.
0: When TFC bit = 1, setting this bit enable backpressure on TX direction “intermittently” during RX buffer full
condition in half duplex mode (default).
SM: Super Mac support.
1: Enable Super Mac to shorten exponential back-off time during transmit retry.
0: Disabled (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com