Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88178L Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88178L
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178L Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88178L Datasheet HTML 18Page - ASIX Electronics Corporation AX88178L Datasheet HTML 19Page - ASIX Electronics Corporation AX88178L Datasheet HTML 20Page - ASIX Electronics Corporation AX88178L Datasheet HTML 21Page - ASIX Electronics Corporation AX88178L Datasheet HTML 22Page - ASIX Electronics Corporation AX88178L Datasheet HTML 23Page - ASIX Electronics Corporation AX88178L Datasheet HTML 24Page - ASIX Electronics Corporation AX88178L Datasheet HTML 25Page - ASIX Electronics Corporation AX88178L Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ASIX ELECTRONICS CORPORATION
22
AX88178 L
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
6.2.1.19 Monitor Mode Status Register (1Ch, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Reserved
US
Reserved
RWMP
RWLU
MOM
MOM: Monitor Mode.
1: Enable. All received packets will be checked on DA and CRC but not buffered into memory.
0: Disabled (default).
RWLU: Remote Wakeup trigger by Ethernet Link-up.
1: Enable
0: Disabled (default).
RWMP: Remote Wakeup trigger by Magic Packet.
1: Enable
0: Disabled (default).
US: USB Speed.
1: High speed mode.
0: FS speed mode.
6.2.1.20 Monitor Mode Register (1Dh, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Reserved
RWMP
RWLU
MOM
MOM: Monitor Mode.
1: Enable. All received packets will be checked on DA and CRC but not buffered into memory.
0: Disabled (default).
RWLU: Remote Wakeup trigger by Ethernet Link-up.
1: Enable.
0: Disabled (default).
RWMP: Remote Wakeup trigger by Magic Packet.
1: Enable.
0: Disabled (default).
AA [7:3]: Reserved.
6.2.1.21 GPIO Status Register (1Eh, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
GPI_2
GPO_2_EN
GPI_1
GPO_1_EN
GPI_0
GPO_0_EN
GPO_0_EN: Current level of pin GPIO0’s output enable.
GPI_0: Input level on GPIO0 pin when GPIO0 is as an input pin.
GPO_1_EN: Current level of pin GPIO1’s output enable.
GPI_1: Input level on GPIO1 pin when GPIO1 is as an input pin.
GPO_2_EN: Current level of pin GPIO2’s output enable.
GPI_2: Input level on GPIO2 pin when GPIO2 is as an input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com