Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO2H Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # VCXO2H
Description  family package 5횞3.2 mm T range up to 125째C 40MHz to 130MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

VCXO2H Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  VCXO2H Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND VCXO2H Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
VCXO2H familypackage5×3.2mm
T range up to 125°C 40MHz to 130MHz
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Absolute Frequency Pulling range APR
(Minimum frequency deviation including 2)*
Temperature range
B= -40 to 85°C
C= -55 to 125°C
ΔF/F ± 130
± 110
ppm
Supply voltage ± 5%
1)*
Vdd
3.3
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time
(load 15pf 20% to 80%)
≤2
ns
Level "0" & "1"
<0.4>Vdvd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/27
pF
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Radio transmission / tranceiver
- Avionics
- Airborne equipments
- Firefighterequipments
The VCXO2H's are supplied on trays (128 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
SMT Voltage control oscillator in
ceramic package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low internal MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
5.00
2.35
3.20
1.6
1.6
1
2
3
4
1.5
2.7
1.5
4
3
1
2
pin 1 Vc
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd
* 2) APR is inclusive of frequency deviation due to stability
adjustment at +25°C,
long term aging 1 year
over supply voltage ±5%
over load min to max
frequency stability over T range


Similar Part No. - VCXO2H

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
VCXO2HV GOLLEDGE-VCXO2HV Datasheet
546Kb / 4P
High Frequency VCXO with Military Temperature Range
More results

Similar Description - VCXO2H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
logo
PhaseLink Corporation
PLL500-17B PLL-PLL500-17B Datasheet
198Kb / 5P
Low Power CMOS Output VCXO Family (17MHz to 130MHz)
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
logo
SIPAT Co,Ltd
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
130MHz SAW Filter 40MHz Bandwidth
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
logo
SIPAT Co,Ltd
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
130MHz SAW Filter 40MHz Bandwidth
logo
MICORO CRYSTAL SWITZERL...
MCSO2F MICROCRYSTAL-MCSO2F Datasheet
321Kb / 2P
family package 5횞3.2 mm
logo
Abracon Corporation
ABV0017B ABRACON-ABV0017B Datasheet
65Kb / 5P
Low Power CMOS Output VCXO Family (17MHz to 130MHz)
03/21/05
logo
Maxim Integrated Produc...
MAX9995EVKIT MAXIM-MAX9995EVKIT Datasheet
837Kb / 8P
40MHz to 350MHz IF Frequency Range
Rev 0; 8/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com