Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet (PDF) - STMicroelectronics

TSH690 Datasheet PDF - STMicroelectronics
Part # TSH690
Download  TSH690 Download
File Size   134.81 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40MHz to 1GHz AMPLIFIER

TSH690 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH690 Datasheet PDF - STMicroelectronics

Part # TSH690
Download  TSH690 Click to download

File Size   134.81 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40MHz to 1GHz AMPLIFIER

TSH690 Datasheet (HTML) - STMicroelectronics


TSH690 Product details

DESCRIPTION

The TSH690 is a wide band RF amplifier, designed in advanced bipolar process. At 450 MHz, it features 28dB gain and +13.5dBm (20 mW) output power at 3V. At 900 MHz, it features 23 dB gain and +15.5 dBm (35 mW) output power at 3V.

The pin 8 allows a bias current adjust, setting the RF output level and the amplifier behaviour. It allows using the TSH690 from the linear A-class trough the AB-class to power-down mode.

The TSH690 is suited to drive power amplifiers in cellular phones (GSM, TDMA) for which the ’turn-on time’ is controlled by a voltage ramp. The more than 20 mW output power makes the TSH690 dedicated as output stage for 433MHz and 868 MHz ISM transmitters.



■ Supply voltage: 1.5V to 5V

■ >20 mW adjustable output power

■ 28 dB gain at 450 MHz

■ 21 dB gain at 900 MHz

■ 50 Ω matched input and output

■ Bias pin to adjust the amplification class

■ Power down



APPLICATIONS

■ 433 MHz and 868 MHz ISM transmitters

■ Telemetering systems

■ Remote controls

■ Cordless Telephones

■ Driver for cellular phones

■ Wide band applications



 




Similar Part No. - TSH690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
More results


Similar Description - TSH690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH691 STMICROELECTRONICS-TSH691 Datasheet
139Kb / 10P
LOW COST 40MHz - 1GHz AMPLIFIER
Jun-1998
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
1GHz, Differential Input/Output Amplifier
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
1GHz, Differential Input/Output Amplifier
logo
RF Micro Devices
D10040300GTH RFMD-D10040300GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1GHz
S10040340 RFMD-S10040340 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1GHz
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
1GHz Triple Current Feedback Amplifier
logo
Qorvo, Inc
D10040300GTH QORVO-D10040300GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1GHz
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com