Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH690 Datasheet HTML 1Page - STMicroelectronics TSH690 Datasheet HTML 2Page - STMicroelectronics TSH690 Datasheet HTML 3Page - STMicroelectronics TSH690 Datasheet HTML 4Page - STMicroelectronics TSH690 Datasheet HTML 5Page - STMicroelectronics TSH690 Datasheet HTML 6Page - STMicroelectronics TSH690 Datasheet HTML 7Page - STMicroelectronics TSH690 Datasheet HTML 8Page - STMicroelectronics TSH690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
Tamb =25
oC, VCC &Vbias = +2.7V, ZL =50
Ω
Parameter
TSH690
Unit
Min.
Typ.
Max.
Supply Current
40
46
mA
S21 (Vin = -20dBm, f = 450MHz)
20
23
30
dB
S21 (Vin = -20dBm, f = 900MHz)
17
dB
Output Power 1dB Compression (f = 450MHz)
8
12
dBm
3rd Order Intercept Point (f = 430MHz)
16
22
dBm
S12 (Reverse Isolation @ f = 400MHz)
-46
dB
S11 (Input Return Loss @ f = 450MHz)
-10
-15
dB
S11 (Input Return Loss @ f = 900MHz)
-10
dB
Noise Figure @ f = 450MHz
4.5
dB
Noise Figure @ f = 900MHz
5.4
dB
Rth(j-a) Junction Ambient Thermal Resistance For SO8 Package
140
180
oC/W
All parameters with min. or max. figures are 100% tested.
123456
30
45
60
75
90
105
120
135
150
Vcc (V)
Tamb (
°C)
Rthmin
Rthmax
RIGHT BEHAVIOUR
DEVICE
OVERSTRESSED
SO8 PACKAGE THERMAL RESISTIVITY
DEFINITION
Rth(j-a)
Junction Ambient Thermal Resistance
Tj (
oC)
Maximum Die Junction Temperature
(~ 150
oC)
Tamb (
oC) Ambient Temperature
Pd (W)
Maximum Dissipated Power
(Pd = 0.75 VCC
• ICC)
REMARKS
The right behaviour is obtained when the follow-
ing equation is fulfilled.
Tj -Tamb =Pd
• Rth(j-a)
TSH690
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com