Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH690 Datasheet HTML 1Page - STMicroelectronics TSH690 Datasheet HTML 2Page - STMicroelectronics TSH690 Datasheet HTML 3Page - STMicroelectronics TSH690 Datasheet HTML 4Page - STMicroelectronics TSH690 Datasheet HTML 5Page - STMicroelectronics TSH690 Datasheet HTML 6Page - STMicroelectronics TSH690 Datasheet HTML 7Page - STMicroelectronics TSH690 Datasheet HTML 8Page - STMicroelectronics TSH690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC1, VCC2, Vbias
Supply Voltages & Bias Voltage
5.5
V
RF in
RF Input Power
+10
dBm
RF out
RF Output Power
+21
dBm
Toper
Operating Free Air Temperature Range
-40 to +85
oC
Tstg
Storage Temperature Range
-65 to +150
oC
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC1, VCC2
Supply Voltages
1.5 to 5
V
Vbias
Bias Voltage
0 to 6
V
RFsr
RF Signal Range
40 to 1000
MHz
SCHEMATIC DIAGRAM
ESD SENSITIVE DEVICE
Handling Precautions Required
TSH690
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com