Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH690 Datasheet HTML 2Page - STMicroelectronics TSH690 Datasheet HTML 3Page - STMicroelectronics TSH690 Datasheet HTML 4Page - STMicroelectronics TSH690 Datasheet HTML 5Page - STMicroelectronics TSH690 Datasheet HTML 6Page - STMicroelectronics TSH690 Datasheet HTML 7Page - STMicroelectronics TSH690 Datasheet HTML 8Page - STMicroelectronics TSH690 Datasheet HTML 9Page - STMicroelectronics TSH690 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
100
200
300
400
500
600
700
800
900
1000
-60
-50
-40
-30
-20
-10
0
Freq (MHz)
Vcc=Vbias=3V
Ta=+25
°C
L2=56nH
L2=10nH
REVERSE ISOLATION vs FREQUENCY
1,5
2
2,5
3
3,5
4
0
5
10
15
20
Vbias (V)
Ta=25
°C
L2 =10nH (900MHz operation)
Vcc = 4V
Vcc = 3V
Vcc = 2V
1dB COMPRESSION vs BIAS VOLTAGE
-20
-15
-10
-5
0
0
5
10
15
20
Pin (dBm)
Vcc=Vbias=3V
L2 =10nH (900MHz operation)
+85
°C
-40
°C
+25
°C
ADMISSION (900MHz)
0
0,5
1
1,5
2
2,5
3
0
20
40
60
0
2
4
6
Vbias (V)
Vcc=3V, Ta=+25
°C
Pin = -40dBm
Icc total
I bias
SUPPLY CURRENT vs BIAS VOLTAGE
TSH690
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com