Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH690 Datasheet HTML 1Page - STMicroelectronics TSH690 Datasheet HTML 2Page - STMicroelectronics TSH690 Datasheet HTML 3Page - STMicroelectronics TSH690 Datasheet HTML 4Page - STMicroelectronics TSH690 Datasheet HTML 5Page - STMicroelectronics TSH690 Datasheet HTML 6Page - STMicroelectronics TSH690 Datasheet HTML 7Page - STMicroelectronics TSH690 Datasheet HTML 8Page - STMicroelectronics TSH690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSH690
40MHz to 1GHz AMPLIFIER
September 1998
.
1.5V to 5V OPERATING VOLTAGE
.
28dB GAIN @ 3V @ 450MHz
.
20dB GAIN @ 3V @ 900MHz
.
+13.5dBm OUTPUT POWER (P1dB)
.
BIAS PIN FOR CURRENT ADJUST &
AMPLIFIER DISABLE
.
ADJUSTABLE OUTPUT POWER
.
50
Ω INPUT/OUTPUT MATCHING
.
FULLY GUARANTEED AT 2.7V
1
2
3
4
5
6
7
8
CC
V
Vbias
GND
RF in
GND
RF out
GND
GND
PIN CONNECTIONS (top view)
®
DESCRIPTION
TSH690 is a wide band RF amplifier, consisted of
2 stages, designed in advanced bipolar process
featuring 28dB gain and +13.5dBm output power
at 450MHz under 3V. The pin 8 allows an external
bias current adjust to tune the output power and
also to set the amplifier in power-down mode. This
powerful amplifier is dedicated to equip secured RF
data transmitters as antenna drivers in ISM band
(reliable RF meter-reading systems, secured Re-
mote Controls, Cordless Telephones, ...)
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature Range
Package
D
TSH690ID
-40, +85
oC
•
1/10


Similar Part No. - TSH690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
More results

Similar Description - TSH690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH691 STMICROELECTRONICS-TSH691 Datasheet
139Kb / 10P
LOW COST 40MHz - 1GHz AMPLIFIER
Jun-1998
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
1GHz, Differential Input/Output Amplifier
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
1GHz, Differential Input/Output Amplifier
logo
RF Micro Devices
D10040300GTH RFMD-D10040300GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1GHz
S10040340 RFMD-S10040340 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1GHz
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
1GHz Triple Current Feedback Amplifier
logo
Qorvo, Inc
D10040300GTH QORVO-D10040300GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com