Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH691 Datasheet (PDF) - STMicroelectronics

TSH691 Datasheet PDF - STMicroelectronics
Part # TSH691
Download  TSH691 Download
File Size   139.58 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW COST 40MHz - 1GHz AMPLIFIER

TSH691 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH691 Datasheet PDF - STMicroelectronics

Part # TSH691
Download  TSH691 Click to download

File Size   139.58 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW COST 40MHz - 1GHz AMPLIFIER

TSH691 Datasheet (HTML) - STMicroelectronics


TSH691 Product details

DESCRIPTION
TSH691 is a low cost RF amplifier consisted of 2 stages,designed in advancedbipolar process, featuring high performances. An external bias current adjust allows to tune the output power and also to set theamplifier in power-down mode.The TSH691 is intended to RF consumer equipments in ISM band (remote controls, ASK transmitters) where cost is sensitive

■ 28dB GAIN @ 3V @ 450MHz
■ +13.5dBm OUTPUT POWER (P1dB)
■ BIAS PIN FOR OUTPUT POWER & AMPLIFIER DISABLE
■ 50Ω INPUT/OUTPUT MATCHING




Similar Part No. - TSH691

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
TSH690 STMICROELECTRONICS-TSH690 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
TSH690ID STMICROELECTRONICS-TSH690ID Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
More results


Similar Description - TSH691

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH690 STMICROELECTRONICS-TSH690 Datasheet
134Kb / 10P
40MHz to 1GHz AMPLIFIER
Sep-1998
TSH690 STMICROELECTRONICS-TSH690_01 Datasheet
1Mb / 14P
40MHz to 1GHz AMPLIFIER
Mar-2001
logo
Texas Instruments
CC1101 TI-CC1101 Datasheet
979Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
Analog Devices
AD622 AD-AD622_1 Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
Analog Devices
AD622 AD-AD622_15 Datasheet
491Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
logo
Linear Technology
LT1252 LINER-LT1252_15 Datasheet
201Kb / 8P
Low Cost Video Amplifier
logo
RF Micro Devices
D10040300GTH RFMD-D10040300GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1GHz
S10040340 RFMD-S10040340 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1GHz
logo
Qorvo, Inc
D10040300GTH QORVO-D10040300GTH Datasheet
265Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1GHz
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com