Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH690 Datasheet HTML 2Page - STMicroelectronics TSH690 Datasheet HTML 3Page - STMicroelectronics TSH690 Datasheet HTML 4Page - STMicroelectronics TSH690 Datasheet HTML 5Page - STMicroelectronics TSH690 Datasheet HTML 6Page - STMicroelectronics TSH690 Datasheet HTML 7Page - STMicroelectronics TSH690 Datasheet HTML 8Page - STMicroelectronics TSH690 Datasheet HTML 9Page - STMicroelectronics TSH690 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Figure 1 : Typical 300MHz-1000MHz Biasing Circuit
CIRCUIT DESCRIPTION
The TSH690 is 50
Ω input/outputinternallymatched
from 300MHz to 1000MHz. Due to its open-collec-
tor structure, the output RF port must be tied to
Vcc2. The pin 8 allows a bias current adjust to set
the output power and the gain. The circuit is pack-
aged in SO8 for thermal dissipation considerations.
MATCHING
Within the 300-1000MHz band, although the circuit
is matched, the output return loss can be improved
by adding a serial inductor (L2) between the RF
output and VCC2 (56nH @ 450MHz and 10nH @
900MHz). Below 300MHz, using the S-parameters
matrix, specific input/outpu t matching networks
can be calculated to maximize electrical perform-
ances.
DC BLOCKING
Because input/output are respectively internal/ex-
ternal biased, DC blocks (C1, C2) are recom-
mended on both RF ports to guarantee a DC
isolation from the next cells. Above 500MHz, 100pF
is suggested whereas below, 1nF is better and far
below (less than 100MHz), 10nF is prefered.
BIASING
The amplifier can operate in the range of 1.5V to
5V and offers a bias current adjust function
(Vbias pin) which enables the trimming of the RF
output power (AB class Amplifier) by tuning a se-
ries variable resistor (Rbias).
When Vbias is wired to the Vcc rail, the current
consumption is maximized getting the best linear-
ity (A class Amplifier) whereas biasing to
Ground, the IC is set in power down mode.
For higher supply voltage than 4V to reach high
output power, the serial resistor (R1) is strongly
recommended to increase the efficiency of the
amplifier and therefore reduce the thermal dissi-
pation of the circuit.
DECOUPLING
As with any RF devices, the supply voltage decou-
pling must be done carefully using a 1nF bypass
capacitor (C3, C5) placed as close as possible to
the device pins and could be also improved by
adding a 150nH RF choke inductance (L1). Con-
cerning the Vbias pin, a 10nF decoupling capacitor
(C4) is recommended while placing on board is not
critical. Note that Surface Mounted Devices (SMD)
components are prefered for RF applications due
to the right behaviour in high frequencies while low
inductor values (few 10nH) can be printed on
board.
APPLICATIONS INFORMATION
TSH690
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com