Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS300-CS8 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ICS300-CS8
Description  300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICS300-CS8 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ICS300-CS8 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS300-CS8 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS300-CS8 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS300-CS8 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
®
28
Specifications subject to change without notice.
©Copyright 2000, Pelco. All rights reserved.
Indicates change or addition since last revision.
MODEL NUMBERS
Pelco • 3500 Pelco Way • Clovis, CA 93612-5699 • Pelco Online @ www. pelco.com
In the US and Canada: Tel (800) 289-9100 • FAX (800) 289-9150 • DataFAX (800) 289-9108
International Customers: Tel +1(559) 292-1981 • FAX +1(559) 348-1120 • DataFAX +1(559) 292-0435
300 SERIES SYSTEM MODELS
Camera Type
Lens/Iris
NTSC
PAL
EIA
CCIR
Color,
2.9 mm
ICS300-CR3
ICS300-CS3
—
—
High Resolution
6 mm
ICS300-CR6
ICS300-CS6
—
—
8 mm
ICS300-CR8
ICS300-CS8
—
—
12 mm
ICS300-CR12
ICS300-CS12
—
—
3-6 mm with Auto Iris
ICS300-CRV3A
ICS300-CSV3A
—
—
Color,
2.9 mm
ICS300-CA3
ICS300-CC3
—
—
Standard Resolution
6 mm
ICS300-CA6
ICS300-CC6
—
—
8 mm
ICS300-CA8
ICS300-CC8
—
—
12 mm
ICS300-CA12
ICS300-CC12
—
—
B&W,
3.0 mm
—
—
ICS300-MA3
ICS300-MC3
Standard Resolution
6 mm
—
—
ICS300-MA6
ICS300-MC6
8 mm
—
—
ICS300-MA8
ICS300-MC8
12 mm
—
—
ICS300-MA12
ICS300-MC12
OPTIONS
ICS300-COND
Conduit adapter. Can be adapted
to any vertical or horizontal
mounting surface.
RECOMMENDED POWER SUPPLIES
(For use with 24 VAC models only)
TF2000
Power supply for 24 VAC
cameras, 20 vA. (For single
camera application.)
MCS Series
Multiple 24 VAC camera power
supply, indoor. (For multiple
camera application.)
(See C653
spec)
MCS*E Series
Multiple 24 VAC camera power
supply, indoor. (For multiple
camera application.)
(See C655
spec)
WCS Series
Multiple 24 VAC camera power
supply, outdoor. (For multiple
camera application.)
(See C654
spec)
1.73
(4.39)
4.36
(11.07)
4.20
(10.67)
NOTE: VALUES IN PARENTHESES ARE CENTIMETERS;
ALL OTHERS ARE INCHES.
5.00
12.7
Camclosure™ is a trademark of Pelco.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com