Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS300-CS8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS300-CS8
Description  300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICS300-CS8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS300-CS8 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS300-CS8 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS300-CS8 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS300-CS8 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
25
PRODUCT SPECIFICATION
Product Features
®
International Standards Organization Registered Firm ISO 9001 Quality System
300 Series Camclosure™ Camera System
INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
• Fully-Integrated Enclosure With Camera and Lens Package
• Rugged, Impact- and Vandal-Resistant
• Easy to Install
• Versatile, Aesthetically Pleasing “Track Light” Design,
Mounts to Wall or Ceiling
• Tamper-Resistant Hardware
• Concealed Cabling
• 12 VDC or 24 VAC Operation
• Low-Temperature Operation to -50
°F (-46°C); de-ices to
-10
°F (-23°C)
• Clear Window
• NTSC/PAL or EIA/CCIR Camera Formats
• All Color Cameras Feature Digital Signal Processing
• Fixed Focal Length Lens of 2.9 mm, 6 mm, 8 mm, or 12 mm
• Varifocal Lens of 3 mm to 6 mm with Auto Iris, Available
with High Resolution Color Camera
• AC Line Lock with All Color Cameras in 24 VAC Operation
• All Lenses, Except Varifocals, are Pre-focused at the
Factory
• Meets NEMA 4X and IP66 Standards (when installed)
• Optional Conduit Adapter Available
The 300 Series Camclosure™ Integrated
Camera System
incorporates a camera and lens
package into a small, unobtrusive, medium-security
enclosure. The system is quick and easy to install in a
variety of indoor or outdoor applications. It is ideal for
residential, office, mall, hospital, school, parking
garage, correction and detention, and other medium-
security installations subject to vandalism.
The 300 Series System ships with a sun shroud
and 4S adapter plate to mount the unit to a standard
4-square electrical box. The sun shroud is designed for
outdoor installations and reduces internal temperature
by 10 degrees F (6 degrees C). An optional conduit
adapter (ICS300-COND) allows the unit to be used in
applications requiring conduit.
All models are designed for either 12 VDC or 24 VAC
operation. Each unit is provided with two quick-
connect mating connectors with leads; one for 12 VDC
and one for 24 VAC. Just select the appropriate
connector for your application, wire the leads to your
power source with wing nuts, and snap the connectors
together -- it’s that simple!
Camera options include 1/3-inch format CCD color
imager (standard or high resolution) and monochrome
imager (standard resolution) with fixed focal length
lenses of 2.9 mm, 6 mm, 8 mm, and 12 mm. Cameras
with a varifocal lens have a 1/4-inch format high
resolution CCD color imager.
DataFAX Documents
SPEC:
22408
MANUAL:
224086 (ICS300), 22966 (ICS300-COND)
C2408/REVISED 10-00
(Product specifications and manuals also available through Pelco Online at www.pelco.com)
300 SERIES
IP66


Similar Part No. - ICS300-CS8

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS300 ICST-ICS300 Datasheet
64Kb / 4P
QTClock??Quick Turn Clock Synthesizer
Revision 111000
ICS3002AI01L ICST-ICS3002AI01L Datasheet
208Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS3002AI40 IDT-ICS3002AI40 Datasheet
3Mb / 23P
175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS300M ICST-ICS300M Datasheet
64Kb / 4P
QTClock??Quick Turn Clock Synthesizer
Revision 111000
ICS300MT ICST-ICS300MT Datasheet
64Kb / 4P
QTClock??Quick Turn Clock Synthesizer
Revision 111000
More results

Similar Description - ICS300-CS8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TC9200 PHILIPS-TC9200 Datasheet
153Kb / 4P
Indoor Camera Mounts
1998
logo
Sony Corporation
CX23047A SONY-CX23047A Datasheet
534Kb / 10P
CCD Camera Scanning System Timming Signal Generator
logo
Winbond
W99685FS WINBOND-W99685FS Datasheet
279Kb / 22P
SYSTEM CAMERA DEVICE
W99685BS WINBOND-W99685BS Datasheet
253Kb / 20P
SYSTEM CAMERA DEVICE
logo
A1 PROs co., Ltd.
AI1001S A1PROS-AI1001S Datasheet
66Kb / 8P
Vertical Clock Driver for Camera System
Ver1.0
AI1002 A1PROS-AI1002 Datasheet
136Kb / 9P
Vertical Clock Driver for Camera System
AI1003 A1PROS-AI1003 Datasheet
101Kb / 8P
Vertical Clock Driver for Camera System
logo
SICK AG
VLC100-0201000 SICK-VLC100-0201000 Datasheet
820Kb / 6P
Camera system
2016-03-09
logo
Level One
BOH-1400 LVL1-BOH-1400_16 Datasheet
487Kb / 3P
Camera PoE Outdoor Enclosure
logo
OmniVision Technologies...
OX01A10 OMNIVISION-OX01A10 Datasheet
671Kb / 2P
Camera Monitoring System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com