Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS300 Datasheet (PDF) - Integrated Circuit Systems

ICS300 Datasheet PDF - Integrated Circuit Systems
Part # ICS300
Download  ICS300 Download
File Size   64.85 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description QTClock??Quick Turn Clock Synthesizer

ICS300 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS300 Datasheet PDF - Integrated Circuit Systems

Part # ICS300
Download  ICS300 Click to download

File Size   64.85 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description QTClock??Quick Turn Clock Synthesizer

ICS300 Datasheet (HTML) - Integrated Circuit Systems


ICS300 Product details

Description
The ICS300 and ICS301 QTClocks™ generate a high quality, high frequency clock output and a reference from a low frequency crystal or clock input. They are designed to replace crystals and crystal oscillators in most electronic systems. The ICS302 can accept a higher frequency clock input to generate up to 200 MHz. The devices contain a One Time Programmable (OTP) ROM which is factory programmed with the PLL divider values to output a broad range of frequencies, from 6 to 200 MHz, allowing customer requests for different frequencies to be shipped in 1-3 days. Using Phase-Locked-Loop (PLL) techniques, the devices run from a standard fundamental mode, inexpensive crystal, or clock. They are smaller and less expensive than one oscillator.

Features
• Packaged as 8 pin SOIC
• Quick turn frequency programming allows samples in one to three days
• Replaces nearly any crystal or oscillator
• ICS300 produces up to 100 MHz at 3.3V, ICS301 produces up to 200 MHz at 3.3V ICS302 accepts up to 125 MHz clock input
• Easy to cascade with ICS5xx series
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 2 - 125 MHz
• Low jitter - 50 ps one sigma
• Compatible with all popular CPUs
• Duty cycle of 45/55
• Operating voltages of 3.0 to 5.5V
• Full CMOS level outputs with 25mA drive capability at TTL levels
• Tri-state output + PLL power down pin
• Advanced, low power CMOS process




Similar Part No. - ICS300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS300-CA12 ETC1-ICS300-CA12 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
ICS300-CA3 ETC1-ICS300-CA3 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
ICS300-CA6 ETC1-ICS300-CA6 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
ICS300-CA8 ETC1-ICS300-CA8 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
ICS300-CC12 ETC1-ICS300-CC12 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
More results


Similar Description - ICS300

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
PhaseLink Corporation
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
Programmable Quick Turn Clock
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
Programmable Quick Turn Clock
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
Termination Quick-Turn
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com