Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS300 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS300
Description  QTClock??Quick Turn Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS300 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS300 Datasheet HTML 1Page - Integrated Circuit Systems ICS300 Datasheet HTML 2Page - Integrated Circuit Systems ICS300 Datasheet HTML 3Page - Integrated Circuit Systems ICS300 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MDS 300QT E
3
Revision 111000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel• www.icst.com
ICS300/ICS301/ICS302
QTClock™ Quick Turn Clock Synthesizer
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
DC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, ICLK only
ICLK (Pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, ICLK only
ICLK (Pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH
PDTS
2
V
Input Low Voltage, VIL
PDTS
0.4
V
Output High Voltage, VOH
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
IDD Operating Supply Current, 20 MHz crystal No Load, 100MHz
20
mA
Short Circuit Current
CLK output
±70
mA
On-Chip Pull-up Resistor, PDTS
Pin 7
270
k
Ω
Input Capacitance, PDTS
Pin 7
4
pF
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Input Frequency, crystal input, ICS300 and 301
5
27
MHz
Input Frequency, clock input, ICS300 and 301
2
50
MHz
Input Frequency, clock input, ICS302
50
125
MHz
Output Frequency, ICS300
VDD = 4.5 to 5.5V
6
160
MHz
Output Frequency, ICS300
VDD = 3.0 to 3.6V
6
100
MHz
Output Frequency, ICS301 and ICS302
VDD = 4.5 to 5.5V
6
200
MHz
Output Frequency, ICS301 and ICS302
VDD = 3.0 to 3.6V
6
200
MHz
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle (Note 1)
at programmed level
45
49 to 51
55
%
Absolute Clock Period Jitter
Deviation from mean
±120
ps
One Sigma Clock Period Jitter
50
ps
Power-up time, PDTS goes high until Refer. out
Reference on REF clk
3
10
ms
Power-up time, PDTS goes high until CLK out
8
20
ms
Electrical Specifications
Note 1: These are typical values. The actual minimum and maximum duty cycle limits are shown on the
ICS300/301/302 QTClock Order Form for each programmed version.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com