Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS300 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS300
Description  QTClock??Quick Turn Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS300 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS300 Datasheet HTML 1Page - Integrated Circuit Systems ICS300 Datasheet HTML 2Page - Integrated Circuit Systems ICS300 Datasheet HTML 3Page - Integrated Circuit Systems ICS300 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MDS 300QT E
4
Revision 111000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel• www.icst.com
ICS300/ICS301/ICS302
QTClock™ Quick Turn Clock Synthesizer
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc. (ICS) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any
ICS product for use in life support devices or critical medical instruments.
8 pin SOIC
Ordering Information
Part/Order Number
Marking
Package
Temperature
ICS300M-xx
ICS300M
8 pin SOIC
0 to 70 °C
ICS300MT-xx
ICS300M
8 pin SOIC on tape and reel
0 to 70 °C
ICS301M-xx
ICS301M
8 pin SOIC
0 to 70 °C
ICS301MT-xx
ICS301M
8 pin SOIC on tape and reel
0 to 70 °C
ICS302M-xx
ICS302M
8 pin SOIC
0 to 70 °C
ICS302MT-xx
ICS302M
8 pin SOIC on tape and reel
0 to 70 °C
QTClock is a trademark of ICS
xx represents a 2 character alphanumeric programming code assigned by the factory, which indicates the
output frequencies on CLK and REF. All samples are shipped with an ICS300/301/302 order form
describing the characteristics of the device.
C
A
B
D
E
H
e
h x 45°
A1
Pin 1
L
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.075
0.098
1.91
2.40
D
0.1890
0.1968
4.80
5.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com