Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS300 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS300
Description  QTClock??Quick Turn Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS300 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS300 Datasheet HTML 1Page - Integrated Circuit Systems ICS300 Datasheet HTML 2Page - Integrated Circuit Systems ICS300 Datasheet HTML 3Page - Integrated Circuit Systems ICS300 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDS 300QT E
1
Revision 111000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel• www.icst.com
ICS300/ICS301/ICS302
QTClock™ Quick Turn Clock Synthesizer
• Packaged as 8 pin SOIC
• Quick turn frequency programming allows
samples in one to three days
• Replaces nearly any crystal or oscillator
• ICS300 produces up to 100 MHz at 3.3V,
ICS301 produces up to 200 MHz at 3.3V
ICS302 accepts up to 125 MHz clock input
• Easy to cascade with ICS5xx series
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 2 - 125 MHz
• Low jitter - 50 ps one sigma
• Compatible with all popular CPUs
• Duty cycle of 45/55
• Operating voltages of 3.0 to 5.5V
• Full CMOS level outputs with 25mA drive
capability at TTL levels
• Tri-state output + PLL power down pin
• Advanced, low power CMOS process
The ICS300 and ICS301 QTClocks™ generate a
high quality, high frequency clock output and a
reference from a low frequency crystal or clock
input. They are designed to replace crystals and
crystal oscillators in most electronic systems. The
ICS302 can accept a higher frequency clock input
to generate up to 200 MHz. The devices contain a
One Time Programmable (OTP) ROM which is
factory programmed with the PLL divider values
to output a broad range of frequencies, from 6 to
200 MHz, allowing customer requests for different
frequencies to be shipped in 1-3 days. Using
Phase-Locked-Loop (PLL) techniques, the devices
run from a standard fundamental mode,
inexpensive crystal, or clock. They are smaller and
less expensive than one oscillator.
Block Diagram
Description
Features
CLK
Crystal
Oscillator
VDD GND
PLL
Clock
Synthesis
and Control
Circuitry
Output
Buffer
Crystal
or clock
input
REF
X2
X1/ICLK
Divide
Logic and
Output
Buffer
PDTS (both outputs and PLL)
OTP
ROM
with PLL
Divider
Values


Similar Part No. - ICS300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS300-CA12 ETC1-ICS300-CA12 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
ICS300-CA3 ETC1-ICS300-CA3 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
ICS300-CA6 ETC1-ICS300-CA6 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
ICS300-CA8 ETC1-ICS300-CA8 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
ICS300-CC12 ETC1-ICS300-CC12 Datasheet
104Kb / 4P
300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
More results

Similar Description - ICS300

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
PhaseLink Corporation
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
Programmable Quick Turn Clock
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
Programmable Quick Turn Clock
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
Termination Quick-Turn
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com