Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611-01 Datasheet (PDF) - PhaseLink Corporation

PL611-01 Datasheet PDF - PhaseLink Corporation
Part # PL611-01
Download  PL611-01 Download
File Size   263.8 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Programmable Quick Turn Clock

PL611-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL611-01 Datasheet PDF - PhaseLink Corporation

Part # PL611-01
Download  PL611-01 Click to download

File Size   263.8 Kbytes
Page   6 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Programmable Quick Turn Clock

PL611-01 Datasheet (HTML) - PhaseLink Corporation


PL611-01 Product details

DESCRIPTION
The PL611-01 is a low-cost general purpose frequency synthesizer and a member of PhaseLink’s Factory Programmable ‘Quick Turn Clock (QTC)’ family. PhaseLink’s PL611-01 product family offers the versatility of using a single Crystal or Reference Clock input and producing up to three different system clocks. They can generate any output frequency up to 200 MHz from fundamental crystal input between 10 MHz - 30 MHz, or a 3rd overtone crystal of up to 75Mhz, or a Reference clock input of up to 200 MHz. Cascading of the ICs to produce additional clock frequencies is also supported.

FEATURES
• Advanced programmable PLL design
• Very low Jitter and Phase Noise (30-70ps Pk-Pk typical)
• Up to 3 programmable outputs
• Output frequency up to 200MHz CMOS.
• Accepts Crystal or reference clock inputs o Fundamental crystal: 10MHz-30MHz o 3RD overtone crystal: Up to 75MHz o Reference input: Up to 200MHz
• Accepts <1.0V reference signal input voltage
• One programmable I/O pin can be configured as Programmable clock, or Frequency Selection input, or output Enable (OE) or Power Down (PDB) input.
• Single 2.5V or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 8-pin MSOP/SOIC, and 6-pin SOT Green/RoHS compliant Packages




Similar Part No. - PL611-01

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-05XXXTC PLL-PL611-05XXXTC Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-05XXXTC-R PLL-PL611-05XXXTC-R Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-05XXXTI PLL-PL611-05XXXTI Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-05XXXTI-R PLL-PL611-05XXXTI-R Datasheet
237Kb / 4P
Programmable Quick Turn Clock
More results


Similar Description - PL611-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS300 ICST-ICS300 Datasheet
64Kb / 4P
QTClock??Quick Turn Clock Synthesizer
Revision 111000
logo
PhaseLink Corporation
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
Programmable Quick Turn Clock
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
Programmable Quick Turn Clock
PL611S-06 PLL-PL611S-06 Datasheet
209Kb / 8P
Low-Power Programmable Quick Turn ClockTM
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
Low-Power Programmable Quick Turn ClockTM
logo
Leshan Radio Company
LR432A LRC-LR432A Datasheet
2Mb / 4P
LINEAR INTEGRATED CIRCUIT Quick Turn-on
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
Termination Quick-Turn
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com