Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611-01 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL611-01
Description  Programmable Quick Turn Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-01 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL611-01 Datasheet HTML 1Page - PhaseLink Corporation PL611-01 Datasheet HTML 2Page - PhaseLink Corporation PL611-01 Datasheet HTML 3Page - PhaseLink Corporation PL611-01 Datasheet HTML 4Page - PhaseLink Corporation PL611-01 Datasheet HTML 5Page - PhaseLink Corporation PL611-01 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PL611-01
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
Rev 09/27/05 Page 2
KEY PROGRAMMING PARAMETERS
CLK[ 0:2 ]
Output Frequency
Output Drive Strength
Crystal Load
Programmable
Input/Output
Charge-Pump
Current
Fout = FIN * M / (R * P)
where M=10 bit
R= 8 bit
P= 5 bit
1. CLK[0:2]= Fout/[1,2,4,8]
2. CLK[0:2]= FIN or FIN/2
Std: 10mA (default)
High: 24mA
+/- 200ppm
tuning.
One output pin can be
configured as
1. CLK2 - output
2. FSEL - input
3. OE - input
4. PDB - input
4 levels of
pump current
settings
PIN DESCRIPTION
Pin #
Name
MSOP-8
SOIC-8
SOT-23
Type
Description
XIN/FIN
1
3
I
Crystal or Reference input pin
GND
2
2
P
GND connection
CLK[0:1]
3,4
1
O
Programmable Clock Output
VDD
5
6
P
VDD connection (2.25~3.63V)
NC
6
No Connect
CLK2, OE, PDB, FSEL
7
5
B
This programmable I/O pin can be configured as a
programmable clock output (CLK2), or Output Enable
(OE) input, or Power Down input (PDB), or Frequency
Selection (FSEL) input pin. This pin has an internal
60KΩ pull up resistor.
State
OE
PDB
FSEL
0
Tristate
CLK[0:1]
Power
Down
Mode
Select
Freq. ‘1’
1
(default)
Normal
mode
Normal
mode
Select
Freq. ‘2’
XOUT
8
4
O
Crystal output pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com