Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW105550A-R12J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CW105550A-R12J
Description  0402 Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW105550A-R12J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CW105550A-R12J Datasheet HTML 1Page - Bourns Electronic Solutions CW105550A-R12J Datasheet HTML 2Page - Bourns Electronic Solutions CW105550A-R12J Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.50 ± 0.1
(.020 ± .004)
0.55 ± 0.1
(.022 ± .004)
0.65
(.026)REF.
REF.
REF.
REF.
1.00 ± 0.1
(.039 ± .004)
1.20
(.047)
0.45
(.018)
0.20 ± 0.1
(.008 ± .004)
0.60
(.024)
REF.
0.25
(.001)
REF.
0.48
(.019)
Features
n
Ceramiccoreprovidesstableelectricalcharacteristics
n
Highself-resonantfrequency
n
AEC-Q200compliant
n
RoHScompliant*andhalogenfree**
CW105550A Series – 0402 Chip Inductors
* RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthe
lastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Temperature Rise .....15 °C at rated Irms
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
Electrical Specifications @ 25 °C
Bourns® Part No.
Inductance
Q
Test Freq.
(MHz)
SRF
(MHz)
DCR
(Ohms)
I rms
(mA)
L (nH)
Tol.
Min.
L
Q
Min.
Max.
Typ.
CW105550A-1N0D
1.0
±0.3 nH
13
250 250
6000
0.045
1360
CW105550A-1N5D
1.5
±0.3 nH
16
250 250
6000
0.070
1040
CW105550A-1N9D
1.9
±0.3 nH
16
250 250
6000
0.070
1040
CW105550A-2N0D
2.0
±0.3 nH
16
250 250
6000
0.070
1040
CW105550A-2N2D
2.2
±0.3 nH
18
250 250
6000
0.070
960
CW105550A-2N4D
2.4
±0.3 nH
16
250 250
6000
0.068
790
CW105550A-2N7D
2.7
±0.3 nH
16
250 250
6000
0.120
860
CW105550A-3N3J
3.3
±5 %
20
250 250
6000
0.066
840
CW105550A-3N6J
3.6
±5 %
20
250 250
6000
0.066
840
CW105550A-3N9J
3.9
±5 %
20
250 250
5800
0.066
840
CW105550A-4N3J
4.3
±5 %
18
250 250
6000
0.091
700
CW105550A-4N7J
4.7
±5 %
15
250 250
4775
0.130
640
CW105550A-5N1J
5.1
±5 %
23
250 250
5800
0.083
800
CW105550A-5N6J
5.6
±5 %
23
250 250
5800
0.083
760
CW105550A-6N2J
6.2
±5 %
23
250 250
5800
0.083
760
CW105550A-6N8J
6.8
±5 %
20
250 250
4800
0.104
680
CW105550A-7N5J
7.5
±5 %
25
250 250
5800
0.104
680
CW105550A-8N2J
8.2
±5 %
25
250 250
4400
0.200
680
CW105550A-8N7J
8.7
±5 %
18
250 250
4100
0.104
480
CW105550A-9N0J
9.0
±5 %
25
250 250
4160
0.200
680
CW105550A-9N5J
9.5
±5 %
18
250 250
4000
0.200
680
CW105550A-10NJ
10
±5 %
23
250 250
3900
0.195
480
CW105550A-11NJ
11
±5 %
26
250 250
3680
0.120
640
CW105550A-12NJ
12
±5 %
26
250 250
3600
0.120
640
CW105550A-13NJ
13
±5 %
24
250 250
3450
0.210
560
CW105550A-15NJ
15
±5 %
26
250 250
3280
0.172
560
CW105550A-16NJ
16
±5 %
24
250 250
3100
0.220
560
CW105550A-18NJ
18
±5 %
25
250 250
3100
0.230
520
CW105550A-19NJ
19
±5 %
26
250 250
3040
0.202
480
CW105550A-20NJ
20
±5 %
25
250 250
3000
0.250
420
CW105550A-22NJ
22
±5 %
25
250 250
2800
0.300
400
CW105550A-23NJ
23
±5 %
26
250 250
2720
0.214
400
CW105550A-24NJ
24
±5 %
25
250 250
2700
0.300
400
CW105550A-27NJ
27
±5 %
26
250 250
2480
0.298
400
CW105550A-30NJ
30
±5 %
25
250 250
2350
0.300
400
CW105550A-33NJ
33
±5 %
24
250 250
2350
0.350
400
CW105550A-36NJ
36
±5 %
26
250 250
2320
0.403
320
CW105550A-39NJ
39
±5 %
25
250 250
2100
0.550
320
CW105550A-40NJ
40
±5 %
26
250 250
2240
0.438
320
CW105550A-43NJ
43
±5 %
25
250 250
2030
0.810
240
CW105550A-47NJ
47
±5 %
26
200 200
2100
0.830
210
CW105550A-51NJ
51
±5 %
25
200 200
1750
0.820
210
CW105550A-56NJ
56
±5 %
22
200 200
1760
0.970
200
CW105550A-68NJ
68
±5 %
22
200 200
1620
1.120
180
CW105550A-82NJ
82
±5 %
20
150 150
1500
1.250
150
CW105550A-91NJ
91
±5 %
20
150 150
1350
2.300
120
CW105550A-R10J
100
±5 %
20
150 150
1300
2.520
120
CW105550A-R12J
120
±5 %
20
150 150
1100
2.660
110
General Specifications
Core Material.............................Ceramic
Wire ............Enameled copper (Class H)
Terminal...........................Mo/Mn+Ni+Au
Packaging.... 10,000 pcs. per 7-inch reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
0.50 ± 0.1
(.020 ± .004)
0.55 ± 0.1
(.022 ± .004)
0.65
(.026)REF.
REF.
REF.
REF.
1.00 ± 0.1
(.039 ± .004)
1.20
(.047)
0.45
(.018)
0.20 ± 0.1
(.008 ± .004)
0.60
(.024)
REF.
0.25
(.001)
REF.
0.48
(.019)


Similar Part No. - CW105550A-R12J

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
CW10501A MARATHON-CW10501A Datasheet
136Kb / 1P
COVERS - DOUBLE ROW
DEC 2020
CW10501B MARATHON-CW10501B Datasheet
136Kb / 1P
COVERS - DOUBLE ROW
DEC 2020
CW10501C MARATHON-CW10501C Datasheet
136Kb / 1P
COVERS - DOUBLE ROW
DEC 2020
CW10501D MARATHON-CW10501D Datasheet
136Kb / 1P
COVERS - DOUBLE ROW
DEC 2020
CW10501X MARATHON-CW10501X Datasheet
136Kb / 1P
COVERS - DOUBLE ROW
DEC 2020
More results

Similar Description - CW105550A-R12J

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0402 package
logo
Coilcraft lnc.
0402HL COILCRAFT-0402HL Datasheet
301Kb / 2P
Higher inductance values than other 0402 ceramic chip inductors
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
0402/0603 Chip Inductors
logo
QT-Brightek Corp.
QBLP595-2IB5 QTB-QBLP595-2IB5 Datasheet
794Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG5-2897 QTB-QBLP595-IG5-2897 Datasheet
786Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IG5 QTB-QBLP595-IG5 Datasheet
786Kb / 9P
0402 SMD Chip LED
Version 1.0
QBLP595-IW-2897 QTB-QBLP595-IW-2897 Datasheet
778Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-IW5 QTB-QBLP595-IW5 Datasheet
821Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-R-2897 QTB-QBLP595-R-2897 Datasheet
817Kb / 9P
0402 SMD Chip LED
Version 1.2
logo
ams AG
KREGLP41.22 AMSCO-KREGLP41.22 Datasheet
1Mb / 20P
Chip LED 0402
Version 1.4 2022-11-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com