Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM431
Description  Adjustable Precision Zener Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM431 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM431 Datasheet HTML 1Page - National Semiconductor (TI) LM431 Datasheet HTML 2Page - National Semiconductor (TI) LM431 Datasheet HTML 3Page - National Semiconductor (TI) LM431 Datasheet HTML 4Page - National Semiconductor (TI) LM431 Datasheet HTML 5Page - National Semiconductor (TI) LM431 Datasheet HTML 6Page - National Semiconductor (TI) LM431 Datasheet HTML 7Page - National Semiconductor (TI) LM431 Datasheet HTML 8Page - National Semiconductor (TI) LM431 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM431
Adjustable Precision Zener Shunt Regulator
General Description
The LM431 is a 3-terminal adjustable shunt regulator with
guaranteed temperature stability over the entire temperature
range of operation. It is now available in a chip sized pack-
age (4-Bump micro SMD) using National’s micro SMD pack-
age technology. The output voltage may be set at any level
greater than 2.5V (V
REF) up to 36V merely by selecting two
external resistors that act as a voltage divided network. Due
to the sharp turn-on characteristics this device is an excel-
lent replacement for many zener diode applications.
Features
n
Average temperature coefficient 50 ppm/˚C
n
Temperature compensated for operation over the full
temperature range
n
Programmable output voltage
n
Fast turn-on response
n
Low output noise
n
LM431 in micro SMD package
n
See AN-1112 for micro SMD considerations
Connection Diagrams
Note: *NC = Not internally connected. Must be electrically isolated from the
rest of the circuit for the microSMD package.
TO-92: Plastic Package
DS010055-1
Top View
SO-8: 8-Pin Surface Mount
DS010055-2
Top view
SOT-23: 3-Lead Small Outline
DS010055-28
Top View
4-Bump micro SMD
DS010055-54
Top View
(bump side down)
March 2002
© 2002 National Semiconductor Corporation
DS010055
www.national.com


Similar Part No. - LM431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM431 PHILIPS-LM431 Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Fairchild Semiconductor
LM431 FAIRCHILD-LM431 Datasheet
88Kb / 10P
Programmable Shunt Regulator
logo
National Semiconductor ...
LM431 NSC-LM431 Datasheet
870Kb / 13P
Adjustable Precision Zener Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
logo
Texas Instruments
LM431 TI-LM431 Datasheet
1Mb / 23P
The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation.
More results

Similar Description - LM431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com