Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA103T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCA103T
Description  SCA103T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCA103T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCA103T Datasheet HTML 1Page - List of Unclassifed Manufacturers SCA103T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin#
Pin Name
I/O
Connection
1
SCK
Input
Serial clock
2
Ext_C_1
Input
Channel 1 external capacitor input
3
MISO
Output
Master in slave out; data output
4
MOSI
Input
Master out slave in; data input
5
Out_2
Output
Channel 2 output
6
VSS
Power
Negative supply voltage (VSS)
7
CSB
Input
Chip select (active low)
8
Ext_C_2
Input
Channel 2 external capacitor input
9
ST_2
Input
Self test input for Channel 2
10
ST_1
Input
Self test input for Channel 1
11
Out_1
Output
Channel 1 output
12
VDD
Power
Positive supply voltage (VDD)
DIMENSIONS
VTI Technologies Oy
Myllynkivenkuja 6
P.O. Box 27
FI-01621 Vantaa
Finland
Tel. +358 9 879181
Fax +358 9 87918791
sales@vti.fi
VTI Technologies Oy
Frankfurt Branch
Rennbahnstr. 72-74
D-60528 Frankfurt am Main
Germany
Tel. +49 69 6786 880
Fax +49 69 6786 8829
sales.de@vti.fi
VTI Technologies, Inc.
One Park Lane Blvd.
Suite 804 - East Tower
Dearborn, MI 48126
USA
Tel. +1 313 425 0850
Fax +1 313 425 0860
sales@vtitechnologies.com
ELECTRICAL CONNECTION
The part weights < 1.2 g. The size is approximately 9 x 5 x 16 mm (w x h x l). Pin pitch is standard 100 mils.
PCB PAD LAYOUTS
103T
SCA103T Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Acceleration (powered or non powered)
20 000
g
Supply voltage
-0.3 V to +5.5 V
V
Voltage at input/output pins
-0.3 V to (Vdd+0.3V)
V
Temperature range
-55…125
°C
If The SPI interface is not used SCK (pin1), MISO (pin3), MOSI (pin4)
and CSB (pin7) must be left floating.
Self test can be activated applying logic “1” (positive supply voltage
level) to ST pins (pins 9 & 10). If ST feature is not used, then pins 9 & 10
must be left floating or connected to GND.
APPLICATION EXAMPLE
Single ended output can be formed from differential outputs by using external differential amplifier.
SCA103T
INA114
OUTPUT
1
1
2
2
3
3
4
4
5
5
+15V
+5V
−15V
6
6
12
11
10
9
8
8
7
7
OUT 2
OUT 1
100nF
100nF
100nF
5k11
5k11
10n
10n
A1
–
+
s
c
i
t
s
i
r
e
t
c
a
r
a
h
c
t
u
p
t
u
o
l
a
c
i
p
y
T
0
0
0
0,
5
-
0
0
0
0,
4
-
0
0
0
0,
3
-
0
0
0
0,
2
-
0
0
0
0,
1
-
0
0
0
0,
0
0
0
0
0,
1
0
0
0
0,
2
0
0
0
0,
3
0
0
0
0,
4
0
0
0
0,
5
0
4
0
3
0
2
0
1
0
0
1
-
0
2
-
0
3
-
0
4
-
]
°
[
e
l
g
n
A
Out 1
Out 2
Differential output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com