Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA103T Datasheet (PDF) - List of Unclassifed Manufacturers

SCA103T Datasheet PDF - List of Unclassifed Manufacturers
Part # SCA103T
Download  SCA103T Download
File Size   281.39 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SCA103T

SCA103T Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA103T Datasheet PDF - List of Unclassifed Manufacturers

Part # SCA103T
Download  SCA103T Click to download

File Size   281.39 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SCA103T

SCA103T Datasheet (HTML) - List of Unclassifed Manufacturers


SCA103T Product details

[VTI TECHNOLOGIES]

FEATURES
• High sensitivity by differential analog output or digital
   output via SPI. Single ended signal available by using a
   differential amplifier or digitally using internal 11 bit digital
   output and external micro controller.
• Available ranges ±15°,±30°
• Over damped frequency response (-3dB @ 8...28 Hz)
• Integrated temperature sensor, accessible via SPI
• Digitally activated electrostatic sensing element self test
• Continuous memory parity check
• Advanced internal and external connection failure detection
• Single +5V supply; ratiometric analog voltage outputs
• Serial Peripheral Interface (SPI) compatible digital output
• DIL-12 plastic SMD package, lead-free reflow solderable

BENEFITS
• High immunity to external interference and noise supply voltage.
• Improved temperature dependency and long term stability
• Excellent reliability and stability over time and temperature
• Instrumentation grade performance
• High resolution and low noise
• Wide operating temperature range
• Outstanding overload and shock durability

APPLICATIONS
• Single axis inclination instruments
• Inclination based position measurement




Similar Part No. - SCA103T

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA103T VTI-SCA103T Datasheet
347Kb / 19P
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
logo
Murata Manufacturing Co...
SCA103T MURATA-SCA103T Datasheet
593Kb / 17P
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
SCA103T-D04 MURATA-SCA103T-D04 Datasheet
171Kb / 2P
Maximum Range
SCA103T-D05 MURATA-SCA103T-D05 Datasheet
169Kb / 2P
Maximum Range
More results


Similar Description - SCA103T

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA103T VTI-SCA103T Datasheet
347Kb / 19P
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
logo
Murata Manufacturing Co...
SCA103T MURATA-SCA103T Datasheet
593Kb / 17P
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com