Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA103T Datasheet (PDF) - VTI technologies

SCA103T Datasheet PDF - VTI technologies
Part # SCA103T
Download  SCA103T Download
File Size   347.47 Kbytes
Page   19 Pages
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies
Description THE SCA103T DIFFERENTIAL INCLINOMETER SERIES

SCA103T Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA103T Datasheet PDF - VTI technologies

Part # SCA103T
Download  SCA103T Click to download

File Size   347.47 Kbytes
Page   19 Pages
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies
Description THE SCA103T DIFFERENTIAL INCLINOMETER SERIES

SCA103T Datasheet (HTML) - VTI technologies


SCA103T Product details

The SCA103T Series is a 3D-MEMS-based single axis inclinometer family that uses the differential measurement principle. The high calibration accuracy combines extremely low temperature dependency, high resolution and low noise together with a robust sensing element design, to make the SCA103T an ideal choice for high accuracy leveling instruments. The VTI inclinometers are insensitive to vibration due to having over damped sensing elements plus they can withstand mechanical shocks of 20000 g.

Features
• Measuring ranges ±15° SCA103T-D04 and ± 30° SCA103T-D05
• 0.001° resolution (10 Hz BW, analog output)
• Sensing element controlled over damped frequency response (-3dB 18Hz)
• Robust design, high shock durability (20000g)
• Excellent stability over temperature and time
• Common mode error and noise reduction using the differential measurement principle
• Single +5 V supply
• Ratiometric analog voltage outputs
• Digital SPI inclination and temperature output
• Comprehensive failure detection features
   o True self test by deflecting the sensing elements’ proof mass by electrostatic force.
   o Continuous sensing element interconnection failure check.
   o Continuous memory parity check.
• RoHS compliant
• Compatible with Pb-free reflow solder process

Applications
• Platform leveling and stabilization
• Rotating laser levels
• Leveling instruments
• Construction levels




Similar Part No. - SCA103T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA103T ETC1-SCA103T Datasheet
281Kb / 2P
SCA103T
logo
Murata Manufacturing Co...
SCA103T MURATA-SCA103T Datasheet
593Kb / 17P
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
logo
List of Unclassifed Man...
SCA103T-D04 ETC1-SCA103T-D04 Datasheet
281Kb / 2P
SCA103T
logo
Murata Manufacturing Co...
SCA103T-D04 MURATA-SCA103T-D04 Datasheet
171Kb / 2P
Maximum Range
logo
List of Unclassifed Man...
SCA103T-D05 ETC1-SCA103T-D05 Datasheet
281Kb / 2P
SCA103T
More results


Similar Description - SCA103T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA103T ETC1-SCA103T Datasheet
281Kb / 2P
SCA103T
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
INCLINOMETER SERIES
logo
VTI technologies
SCA61T VTI-SCA61T Datasheet
308Kb / 18P
THE SCA61T INCLINOMETER SERIES
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
Inclinometer Subassembly
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
Accelerometer/Inclinometer
logo
Murata Manufacturing Co...
SCA100T MURATA-SCA100T Datasheet
512Kb / 17P
THE SCA100T DUAL AXIS INCLINOMETER SERIES Single 5 V supply
SCA103T MURATA-SCA103T Datasheet
593Kb / 17P
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com