Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3303 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATSAM3303
Description  GM-Lite Synthesizer/Professional Effects DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3303 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATSAM3303 Datasheet HTML 10Page - ATMEL Corporation ATSAM3303 Datasheet HTML 11Page - ATMEL Corporation ATSAM3303 Datasheet HTML 12Page - ATMEL Corporation ATSAM3303 Datasheet HTML 13Page - ATMEL Corporation ATSAM3303 Datasheet HTML 14Page - ATMEL Corporation ATSAM3303 Datasheet HTML 15Page - ATMEL Corporation ATSAM3303 Datasheet HTML 16Page - ATMEL Corporation ATSAM3303 Datasheet HTML 17Page - ATMEL Corporation ATSAM3303 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
ATSAM3303
6091A–DRMSD–07/04
Peripherals and Timings
Slave 8-bit Parallel
Interface
Pins used: D7-D0 (I/O), CS (input), A0 (input), WR (input), RD (input), IRQ (output).
This interface is typically used to connect the chip to a host processor.
Figure 5. Host Interface Read Cycle
Figure 6. Host Interface Write Cycle
Table 7. Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
AVCS
Address valid to chip select low
0
-
-
ns
t
CSLRDL
Chip select low to RD low
5
-
-
ns
t
RDHCSH
RD high to CS high
5
-
-
ns
t
PRD
RD pulse width
50
-
-
ns
t
RDLDV
Data out valid from RD
-
-
20
ns
t
DRH
Data out hold from RD
5
-
10
ns
t
CSLRWRL
Chip select low to WR low
5
-
-
ns
t
WRHCSH
WR high to CS high
5
-
-
ns
t
PWR
WR pulse width
50
-
-
ns
t
DWS
Write data setup time
10
-
-
ns
t
DWH
Write data hold time
0
-
-
ns
A0
D0 - D7
tAVCS
tCSLRDL
tPRD
tRDHCSH
tRDLDV
tDRH
CS
RD
A0
D0 - D7
tAVCS
tCSLWRL
tPWR
tWRHCSH
tDWS
tDWH
CS
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com