Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3303 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATSAM3303
Description  GM-Lite Synthesizer/Professional Effects DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3303 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATSAM3303 Datasheet HTML 17Page - ATMEL Corporation ATSAM3303 Datasheet HTML 18Page - ATMEL Corporation ATSAM3303 Datasheet HTML 19Page - ATMEL Corporation ATSAM3303 Datasheet HTML 20Page - ATMEL Corporation ATSAM3303 Datasheet HTML 21Page - ATMEL Corporation ATSAM3303 Datasheet HTML 22Page - ATMEL Corporation ATSAM3303 Datasheet HTML 23Page - ATMEL Corporation ATSAM3303 Datasheet HTML 24Page - ATMEL Corporation ATSAM3303 Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
ATSAM3303
6091A–DRMSD–07/04
Reset and Power-
down
During power-up, the RESET input should be held low until the crystal oscillator and
PLL are stabilized, which takes max. 10ms.
After the low-to-high transition of RESET, the following occurs:
All P24s enter an idle state.
P16 program execution starts in built-in ROM.
The power-up sequence is as follows:
STIN is sensed. If HIGH, then the built-in debugger is started.
Addresses 0 & 1 from external ROM are checked. If “DR” is read, then control is
transferred to address 400H from external ROM.
•SMC is sensed. If LOW, then the built-in loader waits for SmartMedia presence
detect (SMPD). When detected, the firmware is downloaded from SmartMedia
reserved sector 1 and started.
An attempt is done to read the first two bytes of an external EEPROM or DataFlash.
If “DR” is read, then the built-in loader loads the firmware from the external
EEPROM/DataFlash and starts it.
Firmware download from a host processor is assumed.
1.
The byte 0ACh is written to the host, this rises IRQ. The host can recognize that
the chip is ready to accept program download. Higher speed transfer can be
reach by polling the parallel interface status (CS = 0, A0 = 1, RD = 0).
2.
The host sends the firmware size (in words) on two bytes (Low byte first).
3.
The host sends the ATSAM3303 firmware. The firmware should begin with string
“DR”.
4.
The byte 0ACh is written to the host, this rises IRQ. The host recognizes that the
chip has accepted the firmware.
5.
ATSAM3303 starts the firmware.
If PDWN is asserted low, then the crystal oscillator and PLL are stopped. If the power
switch is used, then the chip enters a deep power-down sleep mode, as power is
removed from the core. To exit power down, PDWN has to be asserted high, then
RESET applied.
Other power reduction features allowing warm restart are controlled by firmware:
P24s can be individually stopped.
The clock frequency can be internally divided by 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com