Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB9 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DB9
Description  Datashield Serial In-Line Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DB9 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DB9 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DB9 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DB9 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT
Output Receptacles
(1) Network
Circuit Breaker (amps)
340
Right-Angle Outlets
No
INPUT
Nominal Input Voltage(s) Supported
120V AC; 230V AC
Recommended Electrical Service
120V, 230V
Input Cord Length (ft.)
0
Input Cord Length (m)
0.00
Right-Angle Plug
No
Integrated Cord Clip
No
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LED(s)
No
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
0
Clamping Voltage (RMS)
18
Auto Shut-Off
No
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
Additional Dataline Protection
1-9 & Chassis
PHYSICAL
Shipping Dimensions (hwd / in.)
5.00 x 3.00 x 2.00
Shipping Dimensions (hwd / cm)
12.70 x 7.62 x 5.08
Shipping Weight (lbs.)
0.16
Shipping Weight (kg)
0.07
Integrated Keyhole Mounting Slots
No
Color
Light Gray
Anti-Microbial Protected
No
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com