Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB9 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DB9
Description  Datashield Serial In-Line Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DB9 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DB9 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DB9 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DB9 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Datashield Serial In-Line Surge Protector, DB9
MODEL NUMBER: DB9
Is your DB9 serial connection protected? If not, your equipment is vulnerable to damage and performance
problems. Surges and line noise don’t just affect the power line; they can enter your equipment on any
connection. So protect your DB9 serial equipment with the DataShield™ DB9 In-Line Surge Suppressor.
It’s the ideal choice for protecting PCs, printers, modems and anything with a DB9 connection.
Description
Tripp Lite's DB9 offers dataline surge suppression for DB9 serial ports of data terminal and data
communications equipment, including PCs, printers, modems and more. User configurable for use with
male or female captive DB9 ports. Offers protection on all 9 lines, plus D shell chassis. Convenient DB9
input and output connects directly to the protected port, obtaining a ground outlet from the computer
chassis. Surge suppression is handled with balanced arrays of high-speed avalanche diodes that divert
excess energies created by electrostatic discharges, faulty wiring or lightning away from network interface
connections. Tripp Lite network surge suppressors reduce blown interface cards, garbled transmissions,
system lock-ups and hard equipment failure by safely shunting dataline surges to ground.
SUPPRESSION: Reversible DB9 m/f jacks, protects pins 1-9 and chassis, 18V clamping
Features
DB9 protects 9 pin serial connections for dataline surge suppression of data terminal, data
communications equipment and PCs, printers, modems and more
q
Reversible for use with male or female captive DB9 ports
q
Offers protection on all 9 data lines, plus D shell chassis
q
Surge suppression utilizing high speed avalanche diodes divert excess energies on the network to
ground
q
Highlights
Complete serial port (DB9)
surge protection
q
Protects against the effects of
electrostatic discharge, faulty
wiring and lightning
q
Package Includes
1 DB9 Surge Suppressor
q
OVERVIEW
UPC Code
037332010834
1 / 3


Similar Part No. - DB9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB9 ETC2-DB9 Datasheet
485Kb / 3P
In-Line DB9 Surge Suppressor
logo
Banner Engineering Corp...
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
logo
Novaris
DB9-RS232 NOVARIS-DB9-RS232 Datasheet
473Kb / 1P
RS Serial Port Protectors
DB9-RS485 NOVARIS-DB9-RS485 Datasheet
473Kb / 1P
RS Serial Port Protectors
logo
Future Technology Devic...
DB9-USB-F FTDI-DB9-USB-F Datasheet
712Kb / 27P
DB9-USB-RS232 Module Male & Female
More results

Similar Description - DB9

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R-781BWZ-4 OKAYA-R-781BWZ-4 Datasheet
414Kb / 2P
SURGE PROTECTOR
R-411PVF OKAYA-R-411PVF Datasheet
213Kb / 1P
SURGE PROTECTOR
logo
Bourns Electronic Solut...
1830T1 BOURNS-1830T1 Datasheet
395Kb / 1P
Surge Protector
logo
Tripp Lite. All Rights ...
DB25ALL TRIPPLITE-DB25ALL Datasheet
484Kb / 2P
Datashield Serial In-Line Surge Protector, DB25
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
logo
Tripp Lite. All Rights ...
DB25-ALL TRIPPLITE-DB25-ALL Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DNET1 TRIPPLITE-DNET1 Datasheet
153Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
DSUT1CSU TRIPPLITE-DSUT1CSU Datasheet
154Kb / 3P
Datashield In-Line Surge Protector for Network and Digital/Leased Lines, T-1, ISDN, 1-Set RJ11/45/48
DTEL2 TRIPPLITE-DTEL2 Datasheet
168Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
logo
DONG IL TECHNOLOGY LTD.
SP-1000 DIT-SP-1000 Datasheet
5Mb / 2P
Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com