Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMCS3270XP Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DMCS3270XP
Description  Mobile Flat/Curved Panel Floor Stand - 32??to 70??TVs and Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCS3270XP Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DMCS3270XP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCS3270XP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DMCS3270XP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
All casters lock to hold stand securely in position while at rest
q
Durable Construction
Made from aluminum and steel
q
Upper shelf holds projectors, webcams and laptops
q
Lower shelf holds A/V components, such as Blu-ray player
q
Supports up to 150 lb.
q
VESA Compliance
Supports the following VESA mounting hole patterns: 200 x 200, 300 x 300, 400 x 200, 400 x 400 and
600 x 400
q
(4) M8 x 25 screws
q
(2) M5 x 8 screws
q
(8) Small spacers
q
(8) Big spacers
q
Allen wrench
q
Wrench
q
Owner’s manual
q
OVERVIEW
UPC Code
037332203328
PHYSICAL
Mounting Location
Floor
Shipping Dimensions (hwd / in.)
44.72 x 20.87 x 9.65
Shipping Dimensions (hwd / cm)
113.59 x 53.01 x 24.51
Shipping Weight (lbs.)
53.46
Shipping Weight (kg)
24.25
Unit Dimensions (hwd / in.)
81.5 x 32.6 x 27.6
Unit Weight (lbs.)
46.2
Unit Weight (kg)
20.96
Material of Construction
Aluminum and steel
Color
Black; Silver
VESA Pattern (mm)
200x200; 300x300; 400x200; 400x400; 600x400
Motion
Full
Degrees of Motion
360° Rotate
Maximum Weight Capacity (lbs.)
150
Maximum Weight Capacity (kg)
68
Minimum Screen Size (in.)
32
Maximum Screen Size (in.)
70
Minimum Screen Size (cm)
81.28
Maximum Screen Size (cm)
177.8
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com