Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMCS3270XP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DMCS3270XP
Description  Mobile Flat/Curved Panel Floor Stand - 32??to 70??TVs and Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCS3270XP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DMCS3270XP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCS3270XP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DMCS3270XP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mobile Flat/Curved Panel Floor Stand - 32” to 70”
TVs and Monitors
MODEL NUMBER: DMCS3270XP
Height-adjustable mobile TV stand hangs a flat or curved panel television or monitor and peripherals, such
as a Blu-ray™ player, laptop and webcam. Recommended for classrooms, lecture halls, offices,
auditoriums and conference rooms.
Description
The DMCS3270XP Mobile TV Cart allows you to mount a flat or curved panel television, monitor or other
display and move it from room to room for best viewing or against a wall out of the way when not in use.
Recommended for classrooms, lecture halls, offices, auditoriums and conference rooms, the height-
adjustable mobile stand fits most flat-panel displays from 32 to 70 inches.
You can adjust this heavy-duty rolling tv stand's height from 47 to 81.5 inches. You can also rotate the
display for viewing in portrait or landscape modes. Roll the unit with little effort to the proper viewing
location and angle on sturdy four-inch swivel casters that move smoothly through doorways and over
thresholds. All four casters lock to keep the stand securely in position.
A shelf mounted above the display holds projectors, webcams and laptops. A lower shelf holds other
audio/video components, such as a Blu-ray player. Durable aluminum and steel construction supports up
to 150 lb. The adapter brackets can be adjusted to conform to VESA-compliant displays with any of the
following mounting hole patterns: 200 x 200, 300 x 300, 400 x 200, 400 x 400 and 600 x 400.
Features
Height Adjustable Display Stand Rolls from Room to Room
Mobile mount for flat/curved panel TVs, monitors and other displays
q
Recommended for classrooms, lecture halls, offices, auditoriums and conference rooms
q
Fits most flat-panel displays from 32 to 70 in.
q
Flexible Features That Meet Your Specifications
Height adjusts from 47 to 81.5 in.
q
Rotates for viewing in portrait or landscape modes
q
Rolls on Sturdy Metal Casters
4 in. swivel casters move smoothly through doorways and over thresholds
q
Highlights
Fits most flat or curved panel
displays from 32 to 70 in.
q
Designed for portrait or
landscape mounting
q
Height adjusts from 47 to 81.5
in.
q
Locking 4 in. swivel casters for
easy movement
q
Supports up to 150 lb.
q
Package Includes
Middle base
q
Left leg
q
Right leg
q
Left cover
q
Right cover
q
Support plate
q
Universal plate
q
(2) Plastic covers
q
(2) Adapter brackets
q
Column
q
Plastic handle
q
Top cover
q
Connecting plate
q
Camera shelf
q
DVD shelf
q
(8) Washers
q
(4) M5 x 14 screws
q
(4) M6 x 14 screws
q
(4) M8 x 20 screws
q
(4) M6 x 30 screws
q
(4) M8 x 30 screws
q
(4) M8 x 50 screws
q
(8) M6 x 16 screws
q
(3) M6 x 25 screws
q
(7) M4 x 6 screws
q
(2) M6 x 14 screws
q
(6) M6 x 8 screws
q
1 / 3


Similar Part No. - DMCS3270XP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DMCS3770L TRIPPLITE-DMCS3770L Datasheet
162Kb / 3P
Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
More results

Similar Description - DMCS3270XP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DMCS3770L TRIPPLITE-DMCS3770L Datasheet
162Kb / 3P
Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
DMCS60100XX TRIPPLITE-DMCS60100XX Datasheet
163Kb / 2P
Mobile Flat/Curved Panel Floor Stand - 60- 100 TVs and Monitors, Heavy-Duty
DMR1024X2 TRIPPLITE-DMR1024X2 Datasheet
158Kb / 3P
Dual Flat-Panel Rail Wall Mount for 10??to 24??TVs and Monitors
DWFSC3255MUL TRIPPLITE-DWFSC3255MUL Datasheet
160Kb / 3P
Fixed TV Wall Mount 32-55, Heavy Duty, Security, Televisions & Monitors - Flat/Curved, UL Certified
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
DWTSC3255MUL TRIPPLITE-DWTSC3255MUL Datasheet
161Kb / 3P
Heavy-Duty Tilt Security Wall Mount for 32 to 55 TVs and Monitors, Flat or Curved Screens, UL Certified
DWTSC3780MUL TRIPPLITE-DWTSC3780MUL Datasheet
160Kb / 3P
Heavy-Duty Tilt Security Wall Mount for 37 to 80 TVs and Monitors, Flat or Curved Screens, UL Certified
DMFC3265M TRIPPLITE-DMFC3265M Datasheet
156Kb / 2P
Floor-to-Ceiling Mount for 32" to 65" TVs and Monitors - Height Adjustable, Shelf for A/V Source
DMVWSC4570XUL TRIPPLITE-DMVWSC4570XUL Datasheet
178Kb / 3P
Pop-Out Video Wall Mount w/Security for 45" to 70" TVs and Monitors - Flat Screens, UL Certified
DMC1342S TRIPPLITE-DMC1342S Datasheet
165Kb / 3P
Mobile TV Stand - Height Adjustable, 13??to 42??TVs and Monitors, Locking Casters, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com