Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMCS3770L Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DMCS3770L
Description  Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCS3770L Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DMCS3770L Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCS3770L Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DMCS3770L Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
(2) Telescoping poles
q
(6) Hole covers
q
Universal plate
q
DVD shelf
q
(2) Brackets
q
(2) Mounting arms
q
(2) Shelf screw covers
q
Assorted hardware
q
Owner’s manual
q
OVERVIEW
UPC Code
037332213471
PHYSICAL
Mounting Location
Floor
Shipping Dimensions (hwd / in.)
40.80 x 19.10 x 3.90
Shipping Dimensions (hwd / cm)
103.63 x 48.51 x 9.91
Shipping Weight (lbs.)
37.50
Shipping Weight (kg)
17.01
Unit Dimensions (hwd / in.)
67.5 x 27.6 x 27.6
Unit Weight (lbs.)
35.50
Unit Weight (kg)
16.10
Material of Construction
Aluminum and steel
Color
Black
VESA Pattern (mm)
200x200; 300x300; 400x200; 400x400; 600x400
Motion
Tilt
Degrees of Motion
-10° to +10°
Maximum Weight Capacity (lbs.)
88
Maximum Weight Capacity (kg)
40
Minimum Screen Size (in.)
37
Maximum Screen Size (in.)
70
Minimum Screen Size (cm)
93.98
Maximum Screen Size (cm)
177.8
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com