Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMCS3770L Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DMCS3770L
Description  Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCS3770L Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DMCS3770L Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCS3770L Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DMCS3770L Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mobile Flat-Panel Floor Stand - 37” to 70” TVs
and Monitors - Classic Edition
MODEL NUMBER: DMCS3770L
Mobile TV stand lets you roll a mounted flat-panel display and its components from room to room on metal
casters.
Features
Move Your Flat-Panel Display and Components Wherever You Want Them
The DMCS3770L Rolling TV Stand allows you to install a flat-panel television or monitor and its
components (Blu-ray player, laptop, webcam, DVR), and then roll them safely and smoothly from room to
room or from one corner of the room to another. The rolling TV stand is recommended for classrooms,
lecture halls, offices, auditoriums, conference rooms and other settings where you need your audio/video
equipment to be mobile. Supports up to 88lbs.
Designed to Match a Wide Variety of Applications
The height-adjustable mobile TV floor stand fits most LCD, plasma and other flat-panel displays from 37 to
70 inches. Its durable aluminum and steel frame supports up to 88 pounds. You can raise or lower the
height of the display from 52.5 to 67.5 inches above the floor, and adjust the display to an appropriate
viewing angle from -10° to +10°.
Rolls Easily from Place to Place on Sturdy Metal Casters
The mobile TV cart with wheels rolls almost effortlessly to the proper viewing location and angle on sturdy
four-inch swivel casters with rubber wheels that move smoothly in any direction through doorways and
over thresholds. The rear casters lock to keep the stand securely in position while at rest. Equipment
cables route through the stand’s telescoping poles to keep them organized and out of the way during
transport.
Convenient Shelf Holds Components in Place
A height-adjustable shelf mounted below the display holds various audio/video components, such as a
Blu-ray player, laptop, webcam, cable box, DVR or video game system. The shelf measures 11 x
19 inches and supports up to 22 pounds.
Complies with VESA Standards
The DMCS3770L conforms to VESA-compliant displays with any of the following standard mounting hole
patterns: 200 x 200, 300 x 300, 400 x 200, 400 x 400 and 600 x 400.
5-Year Warranty and Environmentally Responsible Design
The DMCS3770L comes with a 5-year warranty. It’s manufactured in compliance with strict RoHS
specifications, reflecting Tripp Lite’s commitment to environmental responsibility.
Highlights
Accepts most popular flat-panel
displays from 37 to 70 in.
q
Moves easily through doorways
and over thresholds on durable
metal casters
q
Display adjusts in height from
52.5 to 67.5 in. for most
comfortable viewing angle
q
Adjustable shelf holds laptop,
Blu-ray player, webcam and
other necessary components
q
Sturdy aluminum and steel
construction built to withstand
frequent movement
q
Supports up to 88 lbs.
q
Applications
Mount a large flat-screen
television and Blu-ray player for
showing promotional videos at
trade shows
q
Roll a TV/Blu-ray player combo
from classroom to classroom for
sharing educational videos with
students
q
Attach a webcam to a flat-
screen monitor for
teleconferencing in corporate
boardrooms
q
Package Includes
Left leg
q
Right leg
q
Left cover
q
Right cover
q
Middle base
q
(2) Front casters
q
(2) Locking rear casters
q
1 / 3


Similar Part No. - DMCS3770L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DMCS3270XP TRIPPLITE-DMCS3270XP Datasheet
163Kb / 3P
Mobile Flat/Curved Panel Floor Stand - 32??to 70??TVs and Monitors
More results

Similar Description - DMCS3770L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWF3770L TRIPPLITE-DWF3770L Datasheet
487Kb / 2P
Fixed Wall-Mount for 37 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWM3750S TRIPPLITE-DWM3750S Datasheet
510Kb / 3P
Swivel/Tilt/Rotate Wall Mount for 37 to 50 TVs and Monitors
DMCS3270XP TRIPPLITE-DMCS3270XP Datasheet
163Kb / 3P
Mobile Flat/Curved Panel Floor Stand - 32??to 70??TVs and Monitors
DMCS60100XX TRIPPLITE-DMCS60100XX Datasheet
163Kb / 2P
Mobile Flat/Curved Panel Floor Stand - 60- 100 TVs and Monitors, Heavy-Duty
DMR1024X2 TRIPPLITE-DMR1024X2 Datasheet
158Kb / 3P
Dual Flat-Panel Rail Wall Mount for 10??to 24??TVs and Monitors
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
DWTSC3780MUL TRIPPLITE-DWTSC3780MUL Datasheet
160Kb / 3P
Heavy-Duty Tilt Security Wall Mount for 37 to 80 TVs and Monitors, Flat or Curved Screens, UL Certified
DMVWSC4570XUL TRIPPLITE-DMVWSC4570XUL Datasheet
178Kb / 3P
Pop-Out Video Wall Mount w/Security for 45" to 70" TVs and Monitors - Flat Screens, UL Certified
DMC1342S TRIPPLITE-DMC1342S Datasheet
165Kb / 3P
Mobile TV Stand - Height Adjustable, 13??to 42??TVs and Monitors, Locking Casters, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com