Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM3770PLX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DWM3770PLX
Description  Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWM3770PLX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DWM3770PLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWM3770PLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DWM3770PLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Spins effortlessly for portrait or landscape viewing
q
Durable Metal Construction
Supports up to 110 lb.
q
Scratch-resistant powder-coated finish blends with any décor
q
Built-in bubble level allows accurate display leveling
q
VESA Compliance
Supports the following VESA mounting hole patterns: 200 x 200 mm, 300 x 300 mm, 400 x 200 mm,
400 x 400 mm and 600 x 400 mm
q
OVERVIEW
UPC Code
037332199874
PHYSICAL
Mounting Location
Wall
Shipping Dimensions (hwd / in.)
2.17 x 10.63 x 25.00
Shipping Dimensions (hwd / cm)
5.51 x 27.00 x 63.50
Shipping Weight (lbs.)
10.73
Shipping Weight (kg)
4.87
Unit Dimensions (hwd / in.)
15.9 x 23.9 x 1.8
Unit Weight (lbs.)
9.75
Unit Weight (kg)
4.42
Material of Construction
Steel
Color
Black
VESA Pattern (mm)
200x200; 300x300; 400x200; 400x400; 600x400
Motion
Full
Degrees of Motion
90 Rotate
Distance from Wall (in.)
1.81
Distance from Wall (cm)
5
Maximum Weight Capacity (lbs.)
110
Maximum Weight Capacity (kg)
50
Distance from Wall (mm)
46
Minimum Screen Size (in.)
37
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com