Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM3770PLX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DWM3770PLX
Description  Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DWM3770PLX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DWM3770PLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DWM3770PLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DWM3770PLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Portrait/Landscape Rotatable Fixed Flat-Screen
Wall Mount for 37" to 70" TVs and Monitors
MODEL NUMBER: DWM3770PLX
Hangs a flat-panel television, monitor or other display on the wall. Recommended for home theaters,
classrooms, boardrooms, hotels, bars and restaurants. Rotates 90° for portrait and landscape viewing
angles.
Description
The VESA-compliant DWM3770PLX Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount allows
you to mount your flat-panel television, monitor or other display on the wall. Recommended for home
theaters, classrooms, boardrooms, hotels, bars and restaurants, it fits most flat-panel displays from 37 to
70 inches.
The DWM3770PLX effortlessly rotates 90 degrees to position your display in either portrait or landscape
mode to fit your environment and comfort level. The durable all-metal frame with scratch-resistant powder-
coated finish supports up to 110 pounds.
To ease wall installation, the VESA plate attached to the display slides down into the wall-mounted plate.
Mounting hardware is included. A built-in bubble level allows accurate wall plate leveling. The
DWM3770PLX conforms to VESA-compliant displays with any of the following mounting hole patterns:
200 x 200 mm, 300 x 300 mm, 400 x 200 mm, 400 x 400 mm and 600 x 400 mm.
Features
Mounts Your TV or Monitor to the Wall
Fits most flat-panel televisions, monitors and other displays from 37 to 70 in.
q
Recommended for home theaters, classrooms, boardrooms, hotels, bars and restaurants
q
Mounting hardware included
q
Display plate slides down into wall plate for easy wall-mounting
q
Allows 90° Rotation
Highlights
Fits most flat-panel displays
from 37 to 70 in.
q
Rotates smoothly 90° from
portrait to landscape and vice
versa
q
Slide-in VESA plate for easy
mounting
q
Durable metal construction
q
Supports up to 110 lb.
q
Package Includes
Wall plate
q
Universal plate
q
(2) Adapter brackets
q
(4) M5 x 14 screws
q
(4) M6 x 14 screws
q
(4) M6 x 10 screws
q
(4) M6 x 30 screws
q
(4) M8 x 20 screws
q
(4) M8 x 30 screws
q
(4) Washers
q
(4) D6 washers
q
(8) Small spacers
q
(4) Big spacers
q
(4) Anchor bolts
q
(4) Concrete anchors
q
Hex key, 4 mm
q
Owner’s manual
q
1 / 3


Similar Part No. - DWM3770PLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWM3770X TRIPPLITE-DWM3770X Datasheet
520Kb / 2P
Full-Motion Wall Mount for 37 to 70 Flat-Screen Displays
More results

Similar Description - DWM3770PLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DWF3270X TRIPPLITE-DWF3270X Datasheet
500Kb / 2P
Fixed Wall-Mount for 32 to 70 Flat-Screen Displays
DWF3770L TRIPPLITE-DWF3770L Datasheet
487Kb / 2P
Fixed Wall-Mount for 37 to 70 Flat-Screen Displays
DWM3770X TRIPPLITE-DWM3770X Datasheet
520Kb / 2P
Full-Motion Wall Mount for 37 to 70 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWM3750S TRIPPLITE-DWM3750S Datasheet
510Kb / 3P
Swivel/Tilt/Rotate Wall Mount for 37 to 50 TVs and Monitors
DMCS3770L TRIPPLITE-DMCS3770L Datasheet
162Kb / 3P
Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
DWFPSC4570M TRIPPLITE-DWFPSC4570M Datasheet
167Kb / 3P
Heavy-Duty Fixed Security TV Wall Mount for 45-70 TVs & Monitors - Flat Screen, Portrait Mode
DWTPSC4555M TRIPPLITE-DWTPSC4555M Datasheet
168Kb / 3P
Heavy-Duty Tilt Security TV Wall Mount for 45-55 TVs & Monitors - Flat Screen, Portrait Mode
DWM3780ROT TRIPPLITE-DWM3780ROT Datasheet
162Kb / 3P
Portrait/Landscape Rotating TV Wall Mount for 37??to 80??Curved or Flat-Screen Displays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com