Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS100AS Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # BAS100AS
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS100AS Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BAS100AS Datasheet HTML 1Page - Pan Jit International Inc. BAS100AS Datasheet HTML 2Page - Pan Jit International Inc. BAS100AS Datasheet HTML 3Page - Pan Jit International Inc. BAS100AS Datasheet HTML 4Page - Pan Jit International Inc. BAS100AS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PBAS100AS
November 1,2017-REV.00
Page 4
Part No Packing Code Version
Packaging Information & Mounting Pad Layout
SOD-123 Dimension
Unit: inch(mm)
SOD-123 Pad Layout
Unit: inch(mm)
Part No Packing Code
Package Type
Packing Type
Marking
Version
BAS100AS_R1_00001
SOD-123
3K / 7" Reel
0AS
Halogen free
0.154(3.90)
0.141(3.60)
0.110(2.80)
0.098(2.50)
0.028(0.70)
0.019(0.50)
0.008(0.20)MAX.
0.005(0.12)MAX.
0.016(0.40)MIN.
0.053(1.35)
0.037(0.95)
0.071(1.80)
0.055(1.40)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com