Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS100AS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS100AS
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS100AS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS100AS Datasheet HTML 1Page - Pan Jit International Inc. BAS100AS Datasheet HTML 2Page - Pan Jit International Inc. BAS100AS Datasheet HTML 3Page - Pan Jit International Inc. BAS100AS Datasheet HTML 4Page - Pan Jit International Inc. BAS100AS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PBAS100AS
November 1,2017-REV.00
Page 1
SURFACE MOUNT SCHOTTKY DIODES
Voltage
100 V
Current
0.5 A
SOD-123
Features
Low forward voltage drop
Deal for automated placement
Low power loss, high efficiency
High surge current capability
Lead free in compliance with EU RoHS 2.0
Green molding compound as per IEC 61249 standard
Mechanical Data
Case: SOD-123 Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0004 ounces, 0.001 grams
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum Rms Voltage
VRMS
70
V
Maximum Dc Blocking Voltage
VDC
100
V
Maximum Average Forward Current
IF(AV)
0.5
A
Peak Forward Surge Current: 8.3 ms Single Half Sine-
Wave Superimposed On Rated Load
IFSM
5.5
A
Typical Junction Capacitance
Measured at 1 MHZ And Applied VR = 4 V
CJ
21
pF
Typical Thermal Resistance
RθJA
(1)
RθJC
(2)
510
100
oC/W
Operating Junction Temperature Range
TJ
-55~150
oC
Storage Temperature Range
TSTG
-55~150
oC


Similar Part No. - BAS100AS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS100AS-AU PANJIT-BAS100AS-AU Datasheet
150Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS-AU_R1_000A1 PANJIT-BAS100AS-AU_R1_000A1 Datasheet
150Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - BAS100AS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS70AW-AU PANJIT-BAS70AW-AU Datasheet
307Kb / 6P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com