Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7710WD Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7710WD
Description  Photodetector Transimpedance Amplifier Family for Optical Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7710WD Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7710WD Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7710
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52139-0, Rev 2.2
Page 3
04/02/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 1: Amplitude vs. Frequency
Table 2: Absolute Maximum Ratings
Table 3: Recommended Operating Conditions
Symbol
Parameter
Limits
VDD
Power Supply
6V
Tstg
Storage Temperature
-55°C to 125°C (case temperature under bias)
Pinc
Incident Optical Power
+3 dBm
Symbol
Parameter
Limits
VDD
Power Supply
4.5-5.5V (5.0V nominal)
Top
Operating Temperature
0°C (ambient) to 70°C case
Frequency response of VSC7710WB (Upper 3db frequency is measured with respect to response at 50 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com