Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7710WD Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7710WD
Description  Photodetector Transimpedance Amplifier Family for Optical Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7710WD Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7710WD Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7710WD Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7710
Photodetector/Transimpedance Amplifier
Family for Optical Communication
G52139-0, Rev 2.2
Page 1
04/02/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC7710 integrated PIN Photodetector/Transimpedance Amplifiers provides a highly integrated solu-
tion for converting 1300 nm light from a fiber optic communications channel into a differential output voltage.
The benefits of Vitesse Semiconductor’s Gallium Arsenide H-GaAs-III process are fully utilized to provide a
very high bandwidth and low noise amplifier. The PIN detector is 75
µm in diameter. The detector bias is sup-
plied internally eliminating the need for a separate bias connection. The sensitivity, duty cycle distortion and jit-
ter meet or exceed all Fibre Channel and Gigabit Ethernet application requirements. Parts are available in flat-
windowed or lensed packages.
The use of a photodetector and transimpedance amplifier hybrid, reduces the input capacitance, resulting in
higher sensitivity and bandwidth and improved speed of response. These parts can easily be used in developing
Fibre Channel and Gigabit Ethernet electro-optic Receivers for the 900-1600 nm spectral range which exhibit
very high performance and ease of use.
VSC7710 Block Diagram
Part Number
Data Rate
(Gb/s)
Bandwidth
(MHz)
Input Noise
(
µW rms)
Optically Active Area
(
µm diameter)
VSC7710
1.25
1300
.22
75
• Integrated Photodetector/Transimpedance Ampli-
fier Family Optimized for High Speed Optical
Communications Applications
• Integrated AGC
• Fibre Channel and Gigabit Ethernet
• High Bandwidth
• Low Input Noise Equivalent Power
• Single 5V Supply
D0
D1
+5V
+
_


Similar Part No. - VSC7710WD

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7716 VITESSE-VSC7716 Datasheet
226Kb / 2P
1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
VSC7718 VITESSE-VSC7718 Datasheet
475Kb / 2P
GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
More results

Similar Description - VSC7710WD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
M61089FP MITSUBISHI-M61089FP Datasheet
27Kb / 5P
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
Post-Amplifier for Optical Fiber Communication Receiver
logo
Hitachi Semiconductor
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
Optical Communication Receiver/Amplifier
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
Optical Communication Receiver/Amplifier
logo
Vitesse Semiconductor C...
VSC7807 VITESSE-VSC7807 Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7809 VITESSE-VSC7809 Datasheet
146Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7810 VITESSE-VSC7810 Datasheet
163Kb / 14P
Photodetector/Transimpedance Amplifier Family for Optical Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com