Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7716 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7716 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7716
Download  VSC7716 Download
File Size   226.29 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems

VSC7716 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7716 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7716
Download  VSC7716 Click to download

File Size   226.29 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems

VSC7716 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7716 Product details

GENERAL DESCRIPTION:

The VSC7716 device is a transimpedance amplifier (TIA) for GE-PON ONU and OLT applications. The output settling time is sufficiently fast to meet GE-PON OLT receiver requirements but slow enough to pass GE-PON ONU traffic. The VSC7716 device is equipped with an optional photocurrent monitor pin to provide a means of monitoring continuous optical receive power for photodetector alignment and digital diagnostics. The device padout is optimized for standard 4-pin and 5-pin TO-46 packages and accomodates both PIN detector and Avalanche photodiode (APD) designs. A space-saving filter connection is provided for positive bias to the photodiode through a filter resistor to VCC. The VSC7716 device is available in bare die only.



FEATURES:

Wide 27 dBm Dynamic Range

Supports Input Power Greater than –3 dBm

Accomodates Both PIN and Avalanche (APD) Photodetectors

Designed for 4-pin or 5-pin TO-46 Packages




Similar Part No. - VSC7716

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WB VITESSE-VSC7710WB Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WC VITESSE-VSC7710WC Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WD VITESSE-VSC7710WD Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710X VITESSE-VSC7710X Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
More results


Similar Description - VSC7716

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Optoway Technology Inc
LT-74D73D-PG OPTOWAY-LT-74D73D-PG Datasheet
122Kb / 5P
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
LT-74E73E-PG OPTOWAY-LT-74E73E-PG Datasheet
122Kb / 5P
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
NU-73D74D-PG OPTOWAY-NU-73D74D-PG Datasheet
159Kb / 5P
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
NU-73H74H-PG OPTOWAY-NU-73H74H-PG Datasheet
159Kb / 5P
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
logo
Vitesse Semiconductor C...
VSC7718 VITESSE-VSC7718 Datasheet
475Kb / 2P
GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
M/A-COM Technology Solu...
02016-BRF-001-A MA-COM-02016-BRF-001-A Datasheet
152Kb / 2P
1.25 Gbps Transimpedance Amplifier with AGC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com