Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7716 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7716
Description  1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7716 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7716 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7716 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PB-VSC7716-001
VSC7716
BLOCK DIAGRAM:
SPECIFICA TIONS:
4100 ns Typical Receiver Settling Time
480 mA Modulation Current DC-coupled to Laser
480 mW Typical Power Dissipation
43.3 V Power Supply
1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
TRANSPORT PRODUCTS
BENEFITS:
4Provides High Sensitivity Without Compromising Overload Perfomance
4High Input Overload Power Enable Operation in Diverse Network Environments
4Flexible Support for 10 km and 20 km Applications
4Easy Implementation in Standard Packaging
FEA TURES:
4Wide 27 dBm Dynamic Range
4Supports Input Power Greater than –3 dBm
4Accomodates Both PIN and Avalanche (APD) Photodetectors
4Designed for 4-pin or 5-pin TO-46 Packages
50
Ω
VSC7975
VCC
VOUTP
VCC
VOUTN
MON_SEL
50
Ω
Power Monitor
and
Rate Select
FILTER
10 pF
IN
GND
Monitor
Power
IMON
VSC7716


Similar Part No. - VSC7716

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WB VITESSE-VSC7710WB Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WC VITESSE-VSC7710WC Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WD VITESSE-VSC7710WD Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710X VITESSE-VSC7710X Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
More results

Similar Description - VSC7716

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Optoway Technology Inc
LT-74D73D-PG OPTOWAY-LT-74D73D-PG Datasheet
122Kb / 5P
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
LT-74E73E-PG OPTOWAY-LT-74E73E-PG Datasheet
122Kb / 5P
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
NU-73D74D-PG OPTOWAY-NU-73D74D-PG Datasheet
159Kb / 5P
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
NU-73H74H-PG OPTOWAY-NU-73H74H-PG Datasheet
159Kb / 5P
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
logo
Vitesse Semiconductor C...
VSC7718 VITESSE-VSC7718 Datasheet
475Kb / 2P
GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
M/A-COM Technology Solu...
02016-BRF-001-A MA-COM-02016-BRF-001-A Datasheet
152Kb / 2P
1.25 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com