Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7718 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7718 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7718
Download  VSC7718 Download
File Size   475.67 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset

VSC7718 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7718 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7718
Download  VSC7718 Click to download

File Size   475.67 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset

VSC7718 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7718 Product details

GENERAL DESCRIPTION :
The VSC7718 transimpedance amplifier (TIA) and VSC7728 post amplifier together form a complete chipset solution for Gigabit-capable Passive Optical Networks (GPON) and Gigabit Ethernet Passive Optical Networks (GE-PON) OLT burst-mode receivers. This chipset exceeds GPON requirements with better than –33 dBm sensitivity, industry-leading overload performance of better than –4 dBm and over 23 dBm of dynamic range.
   
FEATURES :
► Burst average received power monitor
► Reset through the high-speed data interface
► Fast settling time
► Differential Data Ready (DATRDYP, DATRDYN) output
► LVPECL outputs
► Bare die or 16-pin 3 mm x 3 mm QFP package
   
APPLICATIONS :
► GPON - G.984 1244 Mbps upstream, class A, B, B+, and C
► GE-PON - IEEE Std. 802.3ah (EFM),
    1000BASE-PX10/20-U (GE-PON OLT)
   




Similar Part No. - VSC7718

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WB VITESSE-VSC7710WB Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WC VITESSE-VSC7710WC Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WD VITESSE-VSC7710WD Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710X VITESSE-VSC7710X Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
More results


Similar Description - VSC7718

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Vitesse Semiconductor C...
VSC7969 VITESSE-VSC7969 Datasheet
170Kb / 14P
3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
VSC7716 VITESSE-VSC7716 Datasheet
226Kb / 2P
1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
logo
Source Photonics, Inc.
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
SC Receptacle SFP GE-PON OLT Transceiver
logo
Texas Instruments
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3632 MAXIM-MAX3632 Datasheet
289Kb / 13P
622Mbps/1244Mbps Burst-Mode Limiting Amplifier for GPON OLT Applications
19-3229; Rev 0; 3/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com