Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7718 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7718
Description  GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7718 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7718 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7718 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or
other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective
holders.
Vitesse Semiconductor Corporation (“Vitesse”) retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
Copyright © 2006
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC7718, VSC7728
VSC7728
VSC7718
VOUTN
TIA
VOUTP
VCC
PD
APD
Supply
GND
LOUTN
LOUTP
RESETP
LINN
LINP
LA
VCC
GND
INTERNAL
RESET
Incoming
RESET
Signal
Outgoing
RESET
Signall Block
IN
FILTER
RTHAD
DATRDYP
RESET Signal from OLT MAC
(Data Ready Indicator for CDR)
DATRDYN
RESETN
Signal Detect
Threshold Adjust
Block
RMON
GENERAL DESCRIPTION:
The VSC7718 transimpedance amplifier (TIA) and VSC7728 post amplifier
together form a complete chipset solution for Gigabit-capable Passive
Optical Networks (GPON) and Gigabit Ethernet Passive Optical Networks
(GE-PON) OLT burst-mode receivers. This chipset exceeds GPON
requirements with better than –33 dBm sensitivity, industry-leading
overload performance of better than –4 dBm and over 23 dBm of dynamic
range.
Designed to be used in conjunction with one another, the VSC7728
supplies a reset signal to the VSC7718 in order to control its internal offset
correction circuitry, providing fast settling times with immunity to long
streams of consecutive identical digits. The VSC7718 also features a
space-saving filter connection provided for positive bias to a PIN diode
through a filter resistor to VCC.
The VSC7718 is available as bare die with padout optimized for standard
4-pin, 5-pin and 6-pin TO-46 packages. The VSC7728 is available in a
16-pin, 3mm x 3mm QFP package.
BLOCK DIAGRAM:
GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com