Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS206 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CS206
Description  Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS206 Datasheet(HTML) 2 Page - Vishay Siliconix

  CS206 Datasheet HTML 1Page - Vishay Siliconix CS206 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
61
CS206
Vishay Dale
Document Number: 31519
Revision 10-Sep-04
For Technical Questions, contact: ff2aresistors@vishay.com
CONDITION
Subject to 5 cycles from - 65°C to + 125°C.
2.5 x rated working voltage for 5 seconds at + 25°C.
Cycle from + 25°C to + 65°C to + 25°C over 8 hours at 90 - 98% relative humidity,
with 10% of rated power applied, for 20 cycles. Stop cycling after an even number
of cycles and stabilize networks at high humidity for 1 to 4 hours. Condition
networks at -10°C for 3 hours, then return to temperature cycling. On completion of
cycling condition networks at + 25°C at 50% r.h. for 22 to 24 hours.
Immerse pins in melted solder to the lead standoffs at + 350°C for 3 seconds max.
18 shocks of 100 G and 6 ms.
12 cycles varied logarithmically from 10Hz to 2000Hz to 10Hz over 20 minutes.
1000 hours at + 70°C, rated power applied 1.5 hours “ON, 0.5 hour “OFF”.
Immerse and scrub samples with isopropyl alcohol, trichlorethylene and Freon TMC.
Immerse leads in 60/40 tin-lead solder using R flux at + 245°C for 5 seconds
maximum.
Withstand 2.2 kg pull 1 minute.
100 V applied between case and terminals tied together.
TEST
Thermal Shock
Short Time Overload
Moisture Resistance
Resistance to Soldering Heat
Mechanical Shock
Vibration
Load Life
Resistance to Solvents
Solderability
Terminal Strength
Case Insulation Resistance
PERFORMANCE
MAX.
R
(Typical Test Lots)
± 0.5% ∆R
± 0.25% ∆R
± 0.5% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 1.0% ∆R
Marking remains legible
Minimum 95% solder
coverage
± 0.25% ∆R
IR = 10,000 Megohm
minimum
Pin #1 is extreme left-hand terminal on side with marking.
DIMENSIONS in inches [millimeters]
NUMBER
OF PINS
4 pin
5 pin
6 pin
7 pin
8 pin
9 pin
10 pin
11 pin
12 pin
13 pin
14 pin
15 pin
16 pin
17 pin
18 pin
L
MAXIMUM
0.400 [10.16]
0.500 [12.70]
0.600 [15.24]
0.700 [17.78]
0.800 [20.32]
0.900 [22.86]
1.000 [25.40]
1.100 [27.94]
1.200 [30.48]
1.300 [33.02]
1.400 [35.56]
1.500 [38.10]
1.600 [40.64]
1.700 [43.18]
1.800 [45.72]
0.100
± 0.005 [2.54 ± 0.127]
Non-Cumulative
at Point of Egress
H
Max.
L
Max.
0.020
[0.508]
0.050 [1.27]
0.135 [3.43] Max.
0
.007 [0.178]
Ref.
Seating Plane
for 0.040 [1.016] Ø Hole
0.085 [2.160] Typ.
0.050 [1.27] Typ.
0.135 + 0.015 - 0.010
[3.43 + 0.381 - 0.254]
0.010
[0.254]
H (Height) Maximum:
B = 0.250" [6.35] (Circuit E and M)
C = 0.350" [8.89] (Circuit T)
E = 0.325" [8.26] (Circuit A)
Derating
150
100
50
0
0
25
50
75
100
125
150
Ambient Temperature
°C
Res/CapNetworks, ECL Terminators and Line Terminator
Flammability:
UL 94V-0.
Lead Material:
Phosphorus-bronze, solder plated.
Body Material:
Epoxy coated.
Solderability:
Per MIL-STD-202, Method 208E.
Part Marking:
Pin #1 identification, part number
(abbreviated as space allows),
DALE® or D, date code
Moisture Resistance:
Meets requirements of MIL-STD-
202, Method 106.
70
CL
MATERIAL SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com