Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS206 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CS206
Description  Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS206 Datasheet(HTML) 1 Page - Vishay Siliconix

  CS206 Datasheet HTML 1Page - Vishay Siliconix CS206 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 31519
Revision 10-Sep-04
www.vishay.com
60
CS206
Vishay Dale
For Technical Questions, contact: ff2aresistors@vishay.com
Resistor/Capacitor Networks
ECL Terminators and Line Terminator, Conformal Coated, SIP
FEATURES
• 4 to 18 pins available
• X7R and COG capacitors available
• Low cross talk
• Custom design capability
• "B" 0.250" [6.35mm], "C" 0.350" [8.89mm] and "E" 0.325"
[8.26mm] maximum seated height available, dependent
on schematic
• 10k ECL terminators, Circuits E and M. 100k ECL terminators,
Circuit A. Line terminator, Circuit T.
PARAMETER
UNIT
CS206
Operating Voltage (at + 25°C)
VAC
50 maximum
Dissipation Factor (maximum)
%
C0G = 0.15; X7R = 2.5
Insulation Resistance (at + 25C /rated voltage)
MΩ
100,000
Dielectric Test
V
2.5 x rated voltage
Operating Temperature Range
°C
- 55 to + 125°C
TECHNICAL SPECIFICATIONS
Capacitor Temperature Coefficient:
COG maximum 0.15%, X7R maximum 2.5%
Package Power Rating (maximum at 70
°C):
8 PINS = 0.80 Watt
9 PINS = 0.90 Watt
10 PINS = 1.00 Watt
EIA Characteristics:
COG and X7R (COG capacitors may be
substituted for X7R capacitors).
SCHEMATICS in inches [millimeters]
0.250" [6.35] High
("B" Profile)
0.250" [6.35] High
("B" Profile)
0.325" [8.26] High
("E" Profile)
0.350" [8.89] High
("C" Profile)
1
2
3
4
5
6
7
N
Circuit T
1 2
3 4 5 6
7 8 9 10
Circuit A
1
2
3
4
5
6
7
N
Circuit M
1 2
3
4
5
6
7
N
Circuit E
...
...
...
GLOBAL
PIN
PACKAGE/
CHARACTERISTIC RESISTANCE
RES.
CAPACITANCE
CAP.
PACKAGING
SPECIAL
MODEL
COUNT
SCHEMATIC
HEIGHT
TOLERANCE
VALUE
TOLERANCE
206 = CS206
04 = 4 Pin
E=BE
C = COG
2 digit significant
G = ±2%
(in picofarads)
K = ±10%
E = Lead Free, Bulk Blank = Standard
08 = 8 Pin
M=BM
X = XR7
figure, followed
J = ±5%
2 digit significant
M = ±20%
P =Tin/Lead, Bulk
(Dash Number)
18 = 18 Pin
A=EA
S = Special
by a multiplier
S = Special
figure, followed
S = Special
(up to 2 digits)
T=CT
100 = 10Ω
by a multiplier
S = Special
333 = 33KΩ
330 = 33pF
105 = 1MΩ
392 = 3900pF
104 = 1µF
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: 20608EC103G471KP (preferred part numbering format)
20
6
0
8
E
C1
0
3
G
4
7
1
K
P
Historical Part Number example: CS20608BEC103G471KP03 (will continue to be accepted)
CS206
08
B
E
C
103
G
471
K
P03
HISTORICAL
PIN
PACKAGE
SCHEMATIC CHARACTERISTIC
RESISTANCE
RES
CAPACITANCE
CAP
PACKAGING
MODEL
COUNT
HEIGHT
VALUE
TOLERANCE
VALUE
TOLERANCE
VISHAY PROFILE SCHEMATIC
RESISTOR CHARACTERISTICS
CAPACITOR CHARACTERISTICS
DALE
POWER
RESISTANCE
RESISTANCE
TEMP.
T.C.R.
CAPACITANCE
CAPACITANCE
MODEL
RATING
RANGE
TOLERANCE
COEFF.
TRACKING
RANGE
TOLERANCE
P70°C W
Ω
± %
± ppm/°C
± ppm/°C
± %
CS206
B
E
0.125
10-1M
2, 5
200
100
0.01µF
10(K), 20(M)
M
CS206
C
T
0.125
10-1M
2, 5
200
100
33pF to 0.1µF
10(K), 20(M)
CS206
E
A
0.125
10-1M
2, 5
200
100
0.01µF
10(K), 20(M)
STANDARD ELECTRICAL SPECIFICATIONS


Similar Part No. - CS206

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS206 VISHAY-CS206 Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
Gigabit Ethernet/Fibre Channel Transceiver
logo
Vishay Siliconix
CS20604AC100G104KE VISHAY-CS20604AC100G104KE Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G104ME VISHAY-CS20604AC100G104ME Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
CS20604AC100G330KE VISHAY-CS20604AC100G330KE Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
More results

Similar Description - CS206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
09-Jan-07
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
Capacitor Networks, Single-In-Line,Conformal Coated SIP,
07-Aug-08
CS206 VISHAY-CS206_08 Datasheet
295Kb / 3P
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
07-Aug-08
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com