Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5890 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5890 Datasheet HTML 1Page - Diodes Incorporated AL5890 Datasheet HTML 2Page - Diodes Incorporated AL5890 Datasheet HTML 3Page - Diodes Incorporated AL5890 Datasheet HTML 4Page - Diodes Incorporated AL5890 Datasheet HTML 5Page - Diodes Incorporated AL5890 Datasheet HTML 6Page - Diodes Incorporated AL5890 Datasheet HTML 7Page - Diodes Incorporated AL5890 Datasheet HTML 8Page - Diodes Incorporated AL5890 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
4 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Thermal Information (Note 5)
Package
θJC
Thermal Resistance
Junction-to-Case
θJA
Thermal Resistance
Junction-to-Ambient
PDIS
TA = +25°C, TJ = +125°C
PowerDI123 (Type B)
15.33°C/W
75.84°C/W (Note 6)
1.33W
SOT89
6.34°C/W
27.85°C/W (Note 6)
3.61W
TO252 (Standard)
5.10°C/W
26.12°C/W (Note 6)
3.85W
Note:
5. When mounted on 50.8mm x 50.8mm GETEK PCB with 25.4mm x 25.4mm 2oz copper pads. For better thermal performance, larger copper pad for
heat-sink is needed.
6. Stresses greater than the Absolute Maximum Ratings specified above may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions exceeding those indicated in this specification is not
implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time. Semiconductor
devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.
Electrical Characteristics (VIN_OUT = 10V, TA = +25°C, TJ < +125 °C, Unless Otherwise Noted.)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIN_OUT
Supply Voltage
(Note 7)
7
-
400
V
VMIN
Minimum Power Up Voltage
Increase VIN_OUT (Note 8)
2.5
5
7
V
IIN_OUT
LED Current (Note 9)
AL5890-10
9.0
10
11.0
mA
AL5890-15
13.5
15
16.5
AL5890-20
18.5
20
21.5
AL5890-30
28.0
30
32.0
AL5890-40
38.0
40
42.0
ILINE
Line Regulation
VIN_OUT = 20V to 60V, 20mA current option
-
1.5
-
%
Tcoeff
Temperature Coefficient
(Note 10)
-
3
-
%
tON
Turn On Delay Time
-
-
6
-
µs
tOFF
Turn Off Delay Time
-
-
0.3
-
µs
tR
Rising Time
-
-
6
-
µs
tF
Falling Time
-
-
0.1
-
µs
TFOLD
Thermal Foldback Junction
Temperature
Junction Temperature
-
+130
-
°C
Note:
7. DC power supply slew rate set at 10V/msec to avoid any excessive inrush current.
8. Apply the power supply voltage linearly to the chip until the device starts to turn on (output LED current reaches 5% of the desired current options).
The minimum power up voltage may vary with different current options.
9. Based on ATE trimmed accuracy at +25°C.
10. This parameter only guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com