Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5890 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL5890
Description  Constant Current LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5890 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL5890 Datasheet HTML 9Page - Diodes Incorporated AL5890 Datasheet HTML 10Page - Diodes Incorporated AL5890 Datasheet HTML 11Page - Diodes Incorporated AL5890 Datasheet HTML 12Page - Diodes Incorporated AL5890 Datasheet HTML 13Page - Diodes Incorporated AL5890 Datasheet HTML 14Page - Diodes Incorporated AL5890 Datasheet HTML 15Page - Diodes Incorporated AL5890 Datasheet HTML 16Page - Diodes Incorporated AL5890 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AL5890
Document number: DS40280 Rev. 2 - 2
13 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AL5890
Marking Information( Cont.)
Part Number
Package
Identification Code
AL5890-10D-13
TO252 (Standard)
B2
AL5890-15D-13
TO252 (Standard)
B3
AL5890-20D-13
TO252 (Standard)
B4
AL5890-30D-13
TO252 (Standard)
B5
AL5890-40D-13
TO252 (Standard)
B6
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
PowerDI123 (Type B)
PowerDI123
(Type B)
Dim Min
Max Typ
A
3.50
3.90 3.70
B
2.60
3.00 2.80
C
1.63
1.93 1.78
D
0.93
1.00 0.98
E
0.85
1.25 1.00
H
0.15
0.25 0.20
L
0.50
0.80 0.65
All Dimensions in mm
(2) SOT89
SOT89
Dim
Min
Max
Typ
A
1.40 1.60
1.50
B
0.50
0.62
0.56
B1
0.42
0.54
0.48
c
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.62
1.83
1.733
D2
1.61
1.81
1.71
E
2.40
2.60
2.50
E2
2.05
2.35
2.20
e
-
-
1.50
H
3.95
4.25
4.10
H1
2.63
2.93
2.78
L
0.90
1.20
1.05
L1
0.327 0.527
0.427
z
0.20
0.40
0.30
All Dimensions in mm
H1
E
H
D1
B
e
c
L
A
D
8° (
4X)
D2
E2
z
L1
R0.2
00
B1
L
E
C
A
B
D
H
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com