Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1413402 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1413402
Description  Housing - HC-ADV-B10-HHWH-1TTM32-EMC-AL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1413402 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1413402 Datasheet HTML 1Page - PHOENIX CONTACT 1413402 Datasheet HTML 2Page - PHOENIX CONTACT 1413402 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1413402
02/11/2019   Page 1 / 3
Housing - HC-ADV-B10-HHWH-1TTM32-EMC-AL - 1413402
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
HEAVYCON ADVANCE sleeve housing, B10, with stainless steel screw locking (Allen screw), salt-water-
resistant aluminum, height 93.7 mm, with 1x M32 thread, straight cable outlet, without surface; conductive
seal (EMC properties)
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626030364
Technical data
Dimensions
Height
93.7 mm
Width
57 mm
Length
105 mm
Length of the assembly cutout
65 mm
Width of the assembly cutout
35 mm
Ambient conditions
Degree of protection of housing (IP)
IP66
IP68 (0.2 bar/24 h)
IP69K (ISO 20653:2013-02)
Degree of protection of housing (NEMA)
4 (UL 50e)
4X (UL 50e)
12 (UL 50e)
Ambient temperature (operation)
-40 °C ... 125 °C
General
Note
For contact inserts HC-B10, BB18, DD42, M, K8/24


Similar Part No. - 1413402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413400 PHOENIX-1413400 Datasheet
299Kb / 7P
HC-ADV-B10-HHWH-1TTM25-EMC-AL - Housing
1413401 PHOENIX-1413401 Datasheet
74Kb / 3P
Housing - HC-ADV-B10-HHWH-1STM25-EMC-AL
1413403 PHOENIX-1413403 Datasheet
73Kb / 3P
Housing - HC-ADV-B10-HHWH-1STM32-EMC-AL
More results

Similar Description - 1413402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413374 PHOENIX-1413374 Datasheet
74Kb / 3P
Housing - HC-ADV-B06-HHWH-1TTM25-EMC-AL
1413376 PHOENIX-1413376 Datasheet
74Kb / 3P
Housing - HC-ADV-B06-HHWH-1TTM32-EMC-AL
1413401 PHOENIX-1413401 Datasheet
74Kb / 3P
Housing - HC-ADV-B10-HHWH-1STM25-EMC-AL
1413403 PHOENIX-1413403 Datasheet
73Kb / 3P
Housing - HC-ADV-B10-HHWH-1STM32-EMC-AL
1413418 PHOENIX-1413418 Datasheet
73Kb / 3P
Housing - HC-ADV-B16-HHWH-1TTM40-EMC-AL
1413430 PHOENIX-1413430 Datasheet
74Kb / 3P
Housing - HC-ADV-B24-HHWH-1TTM32-EMC-AL
1413432 PHOENIX-1413432 Datasheet
73Kb / 3P
Housing - HC-ADV-B24-HHWH-1TTM40-EMC-AL
1413433 PHOENIX-1413433 Datasheet
74Kb / 3P
Housing - HC-ADV-B24-HHWH-1STM40-EMC-AL
1414978 PHOENIX-1414978 Datasheet
74Kb / 3P
Housing - HC-ADV-B16-HHWH-1STM25-EMC-AL
1420909 PHOENIX-1420909 Datasheet
69Kb / 3P
Housing - HC-ADV-B10-HHWH-1TTM32-MF-BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com