Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1413402 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1413402
Description  Housing - HC-ADV-B10-HHWH-1TTM32-EMC-AL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1413402 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1413402 Datasheet HTML 1Page - PHOENIX CONTACT 1413402 Datasheet HTML 2Page - PHOENIX CONTACT 1413402 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1413402
02/11/2019   Page 2 / 3
Housing - HC-ADV-B10-HHWH-1TTM32-EMC-AL - 1413402
Technical data
General
Size
B10
Housing type
Sleeve housing
Color
gray aluminum
Locking type
Screw locking
Torque
3 Nm (Locking screw)
Fixing screws
M6 (screw head: 5 mm Allen screw)
No. of cable outlets
1
Cable outlet
straight
Screw connection
none
Type of the screw connection
1x M32
Housing material
Die-cast aluminum, salt water resistant
Housing surface material
uncoated
Seal material
NBR, conductive
Material lock
Stainless steel
Assembly instructions
In order to guarantee that the ground conductor contact functions even
when plugged in at an angle, the two panel mounting flanges must have
sufficient electrical contact with the metal mounting panel.
Connection
To ensure optimum shielding, any insulating power coating must be
removed from the profile gasket area on the control cabinet panel.
Tightening torque of locking screw: 3 Nm.
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Dimensional drawing
83
65
Ø3,6
2)
Ø4,5
1)
Mounting cutout
1) when M4 screws are used
2) when self-tapping Torx® screws are used (Torx® 20, M4)
Dimensional drawing
105
57
Dimensional drawing
Approvals
Approvals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com