Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2IVN24 Datasheet(PDF) 1 Page - Protek Devices

Part # PAM2IVN24
Description  ESD PROTECTION FOR IN-VEHICLE NETWORKS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM2IVN24 Datasheet(HTML) 1 Page - Protek Devices

  PAM2IVN24 Datasheet HTML 1Page - Protek Devices PAM2IVN24 Datasheet HTML 2Page - Protek Devices PAM2IVN24 Datasheet HTML 3Page - Protek Devices PAM2IVN24 Datasheet HTML 4Page - Protek Devices PAM2IVN24 Datasheet HTML 5Page - Protek Devices PAM2IVN24 Datasheet HTML 6Page - Protek Devices PAM2IVN24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
05573.R1 10/18
Page 1
PAM2IVN24
ESD PROTECTION FOR IN-VEHICLE NETWORKS
ISO 9001: 2015 CERTIFIED
DESCRIPTION
The PAM2IVN24 is an ESD protection device in a small SOT-23 surface mount package that is designed to protect auto-
motive in-vehicle bus lines from the damage caused by Electrostatic Discharge (ES) and other transients.
FEATURES
• AEC-Q101 Qualified
• Compatible with IEC 61000-4-2 (ESD): Air ±30kV, Contact ±30kV
• Compatible with IEC 61000-4-4 (EFT)
• Compatible with IEC 61000-4-5 (Surge): 5A
• Bidirectional Configuration
• Low Clamping Voltage
• Ultra Low Leakage Current: 0.8nA @ 27°C (Typical)
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIONS
• CANBus
• LINBus
• FlexRay
• SENT
PIN CONFIGURATION
SOT-23 PACKAGE
2
3
1


Similar Part No. - PAM2IVN24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
MULTI-LINE TVS ARRAY
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
PAM22LOPR2268-T7 PROTEC-PAM22LOPR2268-T7 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
PAM22LOPR2268QT7 PROTEC-PAM22LOPR2268QT7 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
More results

Similar Description - PAM2IVN24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
PESD27V PROTEC-PESD27V Datasheet
475Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Nexperia B.V. All right...
PESD2CANFD24VQB-Q NEXPERIA-PESD2CANFD24VQB-Q Datasheet
297Kb / 12P
ESD protection for in-vehicle networks
3 August 2022
PESD2CANFD24VU-Q NEXPERIA-PESD2CANFD24VU-Q Datasheet
287Kb / 12P
ESD protection for in-vehicle networks
7 September 2022
PESD2CANFD36VU-Q NEXPERIA-PESD2CANFD36VU-Q Datasheet
217Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
PESD1IVN24-LS NEXPERIA-PESD1IVN24-LS Datasheet
234Kb / 11P
ESD protection for In-vehicle networks
9 April 2021
PESD2CANFD24L-T NEXPERIA-PESD2CANFD24L-T Datasheet
257Kb / 12P
ESD protection for In-vehicle networks
10 August 2020
PESD2CANFD24U-U NEXPERIA-PESD2CANFD24U-U Datasheet
281Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
PESD2CANFD27L-U NEXPERIA-PESD2CANFD27L-U Datasheet
271Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com